부품명
         상세내용
HYS64D128021

 200-Pin Small Outline Dual-In-Line Memory Modules ( 23 Page)


INFINEON
100% 
Zoom Out Zoom In
 6 page
background image
Data Sheet
6
Rev. 0.5, 2003-12
200-Pin Small Outline Dual-In-Line Memory Modules
SO-DIMM
HYS64D128021[G/H]BDL–5–B
HYS64D128021[G/H]BDL–6–B
1Overview
1.1
Features
Non-parity 200-Pin Small Outline Dual-In-Line Memory Modules
Two ranks 128M
× 64 organization
Built with stacked 512 Mbit DDR SDRAMs dies in P–TFBGA–68 package
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM)
•Single +2.5 V (
± 0.2 V) power supply and +2.6 V (± 0.2 V) power supply for DDR400
Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
Jedec standard form factor: 67.60 mm
× 31.75 mm × 3.80 mm
Gold plated contacts
1.2
Description
The HYS64D128021[G/H]BDL–5–B and HYS64D128021[G/H]BDL–6–B are industry standard 200-Pin Small
Outline Dual-In-Line Memory Modules (SO-DIMMs) organized as 128M
× 64. The memory array is designed with
Double Data Rate Synchronous DRAMs (DDR SDRAM). A variety of decoupling capacitors are mounted on the
PC board. The DIMMs feature serial presence detect based on a serial E
2PROM device using the 2-pin I2C
protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are available to
the customer
Table 1
Performance
Part Number Speed Code
-5
–6Unit
Speed Grade
Component
DDR400B
DDR333B
Module
PC3200-3033
PC2700–2533
max. Clock
Frequency
@CL3
f
CK3
200
166
MHz
@CL2.5
f
CK2.5
166
166
MHz
@CL2
f
CK2
133
133
MHz
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 



관련 부품명

부품명상세내용Html View제조사
HYS64D16000200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D32020GDL5C200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D32020GDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020GBDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020GDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D64020HBDL200-Pin Small Outline Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64T32000GDL200-Pin Small Outline Dual-In-Line Memory Module 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D16301GU184-Pin Unbuffered Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYS64D16301HU-5-C184-Pin Unbuffered Dual-In-Line Memory Modules 1 2 3 4 5 MoreInfineon Technologies AG
HYM324000GD-504M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE 1 2 3 4 5 MoreSiemens Semiconductor Group

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl