전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSSF112500 데이터시트(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSSF112500
상세설명  Large-size general purpose type well established in various fields
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSF112500 데이터시트(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSF112500 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
105
105
SSSF/8.5(H)mm, 2mm-travel Type
Style
15.3
22
6-ø0.7 hole
1.5
1.5
8
Travel
PC board
mounting face
Terminal No. 1
Operating force with detent : 2.5N
2
22
15.5
0.5
A
r
: shaft length
14.5
7
2.5
0.35
R
R
-1
2-pole, 2-position
15.3
22
10-ø0.7 hole
1.5
1.5
22
9
Travel
2
2
ab c
PC board
mounting face
Terminal No. 1
22 22
15.5
0.5
Operating force with detent :
b J a
b J c
3N
}
}
2.2N
a J b
c J b
A
r
: shaft length
14.5
7
2.5
0.35
R
R
-1
2-pole, 3-position
22
12-ø0.7 hole
1.5
1.5
22
2
17.3
10
Travel
PC board
mounting face
Terminal No.
Operating force with detent : 2.5N
2
22
17.5
22 2
0.5
1
7
2.5
0.35
R
R
-1
A
r
: shaft length
16.5
4-pole, 2-position
No.
PC board mounting hole dimensions
(Viewed from direction A)
15.3
22
5-ø0.7 hole
1.5
1.5
22
7
Travel
2
2
ab c
PC board
mounting face
Terminal No.1
22 22
15.5
Operating force with detent :
2N
b J a
b J c 3N
}
}
a J b
c J b
0.5
A
0.35
1.25
7
R
R
-1
r
: shaft length
14.5
1-pole, 3-position
6
Travel
PC board
mounting face
Terminal No. 1
Operating force with detent : 2.5N
2
22
15.5
0.5
A
0.35
1.25
7
R
R
-1
r
: shaft length
14.5
1-pole, 2-position
15.3
22
3-ø0.7 hole
1.5
1.5
Horizontal Actuator Type
Dimensions
Unit:mm


유사한 부품 번호 - SSSF112500

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSF112500 ALPS-SSSF112500 Datasheet
317Kb / 5P
   Slide Switch
More results

유사한 설명 - SSSF112500

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSS9 ALPS-SSSS9_15 Datasheet
1Mb / 8P
   Mid-size general purpose type well established for user friendliness
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
   Large-size general purpose type with various knobs
logo
Sharp Corporation
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
   Large Size Graphic Type LCD Module
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
   Large Size Graphic Type LCD Module
logo
TDK Electronics
B41231A3229M062 TDK-B41231A3229M062 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A3339M060 TDK-B41231A3339M060 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A7568M067 TDK-B41231A7568M067 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A7688M062 TDK-B41231A7688M062 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A9228M067 TDK-B41231A9228M067 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A9278M067 TDK-B41231A9278M067 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com