전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSSU025800 데이터시트(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSSU025800
상세설명  Large-size general purpose type with various knobs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSU025800 데이터시트(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SSSU025800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSU025800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSU025800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSU025800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSU025800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSU025800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
74
74
List of Varieties
Slide Switches
Series
SSSS2※1
SSSS9
SSAC
SSSF※2
SSSU※2
Photo
Actuator
direction
Horizontal
Vertical
Poles-positions
1-2
1-3
1-4
2-2
2-3
2-4
4-2
Travel(mm)
2
2
1.5
2
3
Operating temperature range
−40℃ to +85℃
−10℃ to +60℃
−40℃ to +85℃
Automotive use
Life cycle
Rating(max.)
(Resistive load)
0.3A 6V DC
0.1A 12V DC
1mA 5V DC
0.1A 30V DC
Rating(min.)
(Resistive load)
50μA 3V DC
1mA 5V DC
50μA 3V DC
10μA 1V DC
Durability
Operating life
without load
10,000 cycles
100mΩ max.※1
10,000 cycles
60mΩ max.
10,000 cycles
200mΩ max.
10,000 cycles 45mΩ max.
Operating life with
load Load: as rating
10,000 cycles
130mΩ max.※1
10,000 cycles
80mΩ max.
10,000 cycles 65mΩ max.
Electrical
performance
Initial contact
resistance
70mΩ max.
30mΩ max.
100mΩ max.
25mΩ max.
Insulation resistance
100MΩ min.
500V DC
100MΩ min.
100V DC
100MΩ min. 500V DC
Voltage proof
500V AC
for 1minute
100V AC
for 1minute
500V AC for 1minute
Mechanical
performance
Terminal strength
3N for 1minute
5N for 1minute
Actuator
strength
Operating
direction
20N
30N
5N
30N
Pulling
direction
10N
Environmental
performance
Cold
−20℃ 500h
−40℃ 500h
−20℃ 96h
−40℃ 500h
Dry heat
85℃ 500h
85℃ 96h
85℃ 500h
Damp heat
60℃, 90 to 95%RH 500h
40℃, 90 to 95%RH
96h
60℃, 90 to 95%RH 500h
Page
90
95
101
103
107
Slide Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 111
Slide Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 112
1. ※ 1. Operating life for SSSS213202 is 100 cycles.
2. ※ 2. The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
3. Indicates applicability to all products in the series.
Note


유사한 부품 번호 - SSSU025800

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSU025800 ALPS-SSSU025800 Datasheet
306Kb / 5P
   Slide Switch
More results

유사한 설명 - SSSU025800

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
   Large-size general purpose type well established in various fields
logo
Sharp Corporation
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
   Large Size Graphic Type LCD Module
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
   Large Size Graphic Type LCD Module
logo
List of Unclassifed Man...
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
   Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
   Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
   Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
   Knobs
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
   Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
   Knobs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com