전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSSU041700 데이터시트(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSSU041700
상세설명  Large-size general purpose type with various knobs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSU041700 데이터시트(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSU041700 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
108
108
8.5(H)mm, 3mm-travel Type
SSSU
21.5
r
: shaft length
3
0.5
3
3
22.5
Travel
A
PC board
mounting face
Terminal No.1
33
Operating force with detent : 2N
3
7
0.35
2.5
3
33
19.5
Travel
A
PC board
mounting face
Terminal No.1
Operating force with detent : 2N
0.5
18.5
r
: shaft length
7
0.35
1.25
Operating force with detent :
3
0.5
3
3
25.5
Travel
A
PC board
mounting face
Terminal No.1
3
3
3
a bc
1.5N
}
a J b
c J b
b J a
b J c }2N
r
: shaft length
24.5
7
0.35
1.25
3
0.5
33
19.5
A
PC board
mounting face
Terminal No.1
Operating force with detent : 2N
18.5
Travel
r
: shaft length
7
0.35
2.5
Operating force with detent :
3
0.5
3
3
25.5
Travel
A
PC board
mounting face
Terminal No.1
3
3
3
a b c
1.5N
}
b J a
b J c
a J b
c J b
} 2N
r
: shaft length
24.5
7
0.35
2.5
5
4-pole, 2-position
2
3
4
1-pole, 3-position
2-pole, 2-position
2-pole, 3-position
1
1-pole, 2-position
Unit:mm
Dimensions
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
Vertical Actuator Type
3 3
6-ø0.7 hole
1.5
1.5
19.3
25.3
33
10-ø0.7 hole
1.5
1.5
33
5-ø0.7 hole
1.5
1.5
33 33
25.3
33
3-ø0.7 hole
1.5
1.5
19.3
3 3
12-ø0.7 hole
1.5
1.5
33
3
22.3


유사한 부품 번호 - SSSU041700

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSU041700 ALPS-SSSU041700 Datasheet
306Kb / 5P
   Slide Switch
More results

유사한 설명 - SSSU041700

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
   Large-size general purpose type well established in various fields
logo
Sharp Corporation
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
   Large Size Graphic Type LCD Module
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
   Large Size Graphic Type LCD Module
logo
List of Unclassifed Man...
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
   Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
   Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
   Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
   Knobs
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
   Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
   Knobs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com