전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSSS91B600 데이터시트(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSSS91B600
상세설명  Mid-size general purpose type well established for user friendliness
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS91B600 데이터시트(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SSSS91B600 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS91B600 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS91B600 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS91B600 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS91B600 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS91B600 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS91B600 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS91B600 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
100
100
c
1
2
3
Circuit Diagram(Viewed from Direction A)
1-pole, 2-position
Drawing No.1, 2, 8, 9
c
12
34
1-pole, 3-position
Drawing No.3, 4, 10, 11
c
c
12
3
45
6
2-pole, 2-position
Drawing No.5, 12, 13
c
c
12 34
56 78
2-pole, 3-position
Drawing No.6, 7, 14, 15
1.5
Detail of a
Unit:mm
5(H)mm, 2mm-travel Type
SSSS9


유사한 부품 번호 - SSSS91B600

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSS91B600 ALPS-SSSS91B600 Datasheet
395Kb / 6P
   Slide Switch
More results

유사한 설명 - SSSS91B600

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
   Large-size general purpose type well established in various fields
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
107Kb / 1P
   AdvancedMCTM Connector for ATCA (Type AB mid size)
logo
ALPS ELECTRIC CO.,LTD.
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
   Large-size general purpose type with various knobs
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB Datasheet
750Kb / 8P
   General-purpose Type
SPPB ALPS-SPPB_15 Datasheet
1Mb / 8P
   General-purpose Type
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
   MID SIZE PATECH PLUG
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com