전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSF0102YZTR 데이터시트(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
부품명 LSF0102YZTR
상세설명  Channel Bidirectional Multi-Voltage Level Translator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102YZTR 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LSF0102YZTR Datasheet HTML 16Page - Texas Instruments LSF0102YZTR Datasheet HTML 17Page - Texas Instruments LSF0102YZTR Datasheet HTML 18Page - Texas Instruments LSF0102YZTR Datasheet HTML 19Page - Texas Instruments LSF0102YZTR Datasheet HTML 20Page - Texas Instruments LSF0102YZTR Datasheet HTML 21Page - Texas Instruments LSF0102YZTR Datasheet HTML 22Page - Texas Instruments LSF0102YZTR Datasheet HTML 23Page - Texas Instruments LSF0102YZTR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Time - ns
0
2.5E+0
5E+0
7.5E+0
1E+1
1.25E+1
1.5E+1
1.75E+1
2E+1
2.25E+1
2.5E+1
-5E-1
0
5E-1
1E+0
1.5E+0
2E+0
2.5E+0
3E+0
3.5E+0
Input
Output
Time - ns
0
3E+0
6E+0
9E+0
1.2E+1
1.5E+1
1.8E+1
2.1E+1
2.4E+1
2.7E+1
3E+1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Output
Input
20
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Layout Example (continued)
Figure 14. Waveform From TP1 (Pull-up Resistor: 160-
Ω
and 50-pF Capacitance 3.3 V to 1.8 V at 100 MHz)
Figure 15. Waveform From TP2 (Pull-up Resistor: 160-
Ω
and 50-pF Capacitance 1.8 V to 3.3 V at 100 MHz)


유사한 부품 번호 - LSF0102YZTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LSF0102YZTR TI1-LSF0102YZTR Datasheet
2Mb / 40P
[Old version datasheet]   LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
LSF0102YZTR TI-LSF0102YZTR Datasheet
3Mb / 53P
[Old version datasheet]   LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102YZTR TI-LSF0102YZTR Datasheet
3Mb / 57P
[Old version datasheet]   LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
More results

유사한 설명 - LSF0102YZTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
[Old version datasheet]   Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
[Old version datasheet]   4-Bits Bidirectional Multi-Voltage Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Automotive 8-Channel Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
[Old version datasheet]   Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
   2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
   2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com