전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC273NSR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC273NSR
상세설명  Octal D-Type Flip-Flops With Clear
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC273NSR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHC273NSR Datasheet HTML 1Page - Texas Instruments SN74AHC273NSR Datasheet HTML 2Page - Texas Instruments SN74AHC273NSR Datasheet HTML 3Page - Texas Instruments SN74AHC273NSR Datasheet HTML 4Page - Texas Instruments SN74AHC273NSR Datasheet HTML 5Page - Texas Instruments SN74AHC273NSR Datasheet HTML 6Page - Texas Instruments SN74AHC273NSR Datasheet HTML 7Page - Texas Instruments SN74AHC273NSR Datasheet HTML 8Page - Texas Instruments SN74AHC273NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CLK(I)
R
Q
C
C
D
C
C
C
C
C
C
TG
C
C
TG
TG
TG
CLK
1D
1Q
2D
2Q
3D
3Q
4D
4Q
5D
5Q
6D
6Q
7D
7Q
8D
8Q
CLR
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
11
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AHC273, SN74AHC273
SCLS376I – JUNE 1997 – REVISED MARCH 2015
SNx4AHC273 Octal D-Type Flip-Flops With Clear
1 Features
3 Description
These devices are positive-edge-triggered D-type
1
Operating Range 2-V to 5.5-V VCC
flip-flops with a direct clear (CLR) input.
Contain Eight Flip-Flops With Single-Rail Outputs
Information at the data (D) inputs meeting the setup
Direct Clear Input
time requirements is transferred to the Q outputs on
Individual Data Input to Each Flip-Flop
the positive-going edge of the clock (CLK) pulse.
Latch-Up Performance Exceeds 250 mA Per
Clock triggering occurs at a particular voltage level
JESD 17
and is not directly related to the transition time of the
positive-going pulse. When CLK is at either the high
ESD Protection Exceeds JESD 22
or low level, the D input has no effect at the output.
2000-V Human-Body Model (A114-A)
1000-V Charged-Device Model (C101)
Device Information(1)
On Products Compliant to MIL-PRF-38535,
PART NUMBER
PACKAGE
BODY SIZE (NOM)
All Parameters Are Tested Unless Otherwise
PDIP (20)
24.33 mm × 6.35 mm
Noted. On All Other Products, Production
SSOP (20)
7.20 mm × 5.30 mm
Processing Does Not Necessarily Include Testing
SNx4AHC273
TSSOP (20)
6.50 mm × 4.40 mm
of All Parameters.
TVSOP (20)
5.00 mm × 4.40 mm
SOIC (20)
12.80 mm × 7.50 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Buffers and Storage Registers
the end of the data sheet.
Shift Registers
Pattern Generators
Servers
PCs and Notebooks
Network Switches
Memory Systems
Databases
4 Simplified Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - SN74AHC273NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC273NSR TI-SN74AHC273NSR Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHC273NSR TI-SN74AHC273NSR Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

유사한 설명 - SN74AHC273NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com