전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC165DRG4 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC165DRG4
상세설명  8-Bit Parallel-Load Shift Registers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC165DRG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74HC165DRG4 Datasheet HTML 4Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 5Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 6Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 7Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 8Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 9Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 10Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 11Page - Texas Instruments SN74HC165DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SN54HC165, SN74HC165
SCLS116H – DECEMBER 1982 – REVISED DECEMBER 2015
www.ti.com
Timing Requirements, TA = 25°C (continued)
over recommended operating free-air temperature range for both the SN74HC165 and SN54HC165 (unless otherwise noted)
VCC
MIN
MAX
UNIT
2 V
80
SH/LD high before CLK
4.5 V
16
6 V
14
2 V
40
SER before CLK
4.5 V
8
6 V
7
2 V
100
tsu
Set-up time
CLK INH low before CLK
4.5 V
20
ns
6 V
17
2 V
40
CLK INH high before CLK
4.5 V
8
6 V
7
2 V
100
Data before SH/LD
4.5 V
20
6 V
17
2 V
5
SER data after CLK
4.5 V
5
6 V
5
th
Hold time
ns
2 V
5
PAR data after SH/LD
4.5 V
5
6 V
5
6.12 Timing Requirements, SN54HC165
over recommended operating free-air temperature range, TA = –55°C to 125°C (unless otherwise noted)
VCC
MIN
MAX
UNIT
2 V
4.2
fclock
Clock frequency
4.5 V
21
MHz
6 V
25
2 V
120
SH/LD low
4.5 V
24
6 V
20
tw
Pulse duration
ns
2 V
120
CLK high or low
4.5 V
24
6 V
20
8
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC165 SN74HC165


유사한 부품 번호 - SN74HC165DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC165DRG4 TI-SN74HC165DRG4 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

유사한 설명 - SN74HC165DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com