전자부품 데이터시트 검색엔진 |
|
SN74AHC1G14DBVRG4 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
SN74AHC1G14DBVRG4 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 23 page A Y 2 4 SN74AHC1G14 SCLS321Q – MARCH 1996 – REVISED SEPTEMBER 2015 www.ti.com 8 Detailed Description 8.1 Overview The SN74AHC1G14 device is a single inverter gate. The device performs the Boolean function Y = A. The device functions as an independent inverter gate, but because of the Schmitt action, gates may have different input threshold levels for positive- (VT+) and negative-going (VT−) signals. 8.2 Functional Block Diagram Figure 3. Logic Diagram (Positive Side) 8.3 Feature Description The SN74AHC1G14 device has a wide operating VCC range of 2 V to 5.5 V, which allows it to be used in a broad range of systems. The low propagation delay allows fast switching and higher speeds of operation. In addition, the low-power consumption makes this device a good choice for portable and battery power-sensitive applications. 8.4 Device Functional Modes Table 1 lists the functional modes for SN74AHC1G14. Table 1. Function Table INPUT A OUTPUT Y H L L H 8 Submit Documentation Feedback Copyright © 1996–2015, Texas Instruments Incorporated Product Folder Links: SN74AHC1G14 |
유사한 부품 번호 - SN74AHC1G14DBVRG4 |
|
유사한 설명 - SN74AHC1G14DBVRG4 |