전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC08DE4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74AHC08DE4
상세설명  Quadruple 2-Input Positive-AND Gates
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC08DE4 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AHC08DE4 Datasheet HTML 1Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 2Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 3Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 4Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 5Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 6Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 7Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 8Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SN74AHC08, SN54AHC08
www.ti.com
SCLS236J – MARCH 1996 – REVISED DECEMBER 2015
7.3 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC= 2 V
1.5
VIH
High-level input voltage
VCC= 3V
2.1
V
VCC= 5.5 V
3.85
VCC= 2 V
0.5
VIL
Low-level Input voltage
VCC= 3 V
0.9
V
VCC= 5.5 V
1.65
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC= 2 V
–50
IOH
High-level output current
VCC= 3.3 V ± 0.3 V
–4
mA
VCC= 5 V ± 0.5 V
–8
VCC= 2 V
50
IOL
Low-level output current
VCC= 3.3 V ± 0.3 V
4
mA
VCC= 5 V ± 0.5 V
8
VCC= 3.3 V ± 0.3 V
100
Δt/Δv
Input Transition rise or fall rate
ns/V
VCC= 5 V ± 0.5 V
20
SN54AHC08
–55
125
TA
Operating free-air temperature
°C
SN74AHC08
–40
125
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
7.4 Thermal Information
SN74AHC08
DB
DGV
RGY
THERMAL METRIC(1)
D (SOIC)
N (PDIP)
NS (SO)
PW (TSSOP)
UNIT
(SSOP)
(TVSOP)
(VQFN)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
Junction-to-ambient thermal
RθJA
86
96
127
80
76
113
47
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics, TA = 25°C
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2 V
1.9
2
IOH = –50 µA
3 V
2.9
3
VOH
4.5 V
4.4
4.5
V
IOH = –4 mA
3 V
2.58
IOH = –8 mA
4.5 V
3.94
2 V
0.1
IOL = 50 µA
3 V
0.1
VOL
4.5 V
0.1
V
IOH = 4 mA
3 V
0.36
IOH = 8 mA
4.5 V
0.36
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
µA
Ci
VI = VCC or GND
5 V
4
10
pF
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHC08 SN54AHC08


유사한 부품 번호 - SN74AHC08DE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC08DE4 TI-SN74AHC08DE4 Datasheet
737Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHC08DE4 TI-SN74AHC08DE4 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

유사한 설명 - SN74AHC08DE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com