전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G74RSER 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G74RSER
상세설명  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G74RSER 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AUP1G74RSER Datasheet HTML 1Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 2Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 3Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 4Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 5Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 6Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 7Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 8Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PRE
1
7
2
6
8
3
5
4
VCC
CLR
Q
GND
CLK
D
Q
GND
CLK
Q
Q
V
CC
CLR
PRE
1 8
2 7
3 6
4 5
D1
D2
C1
C2
B1
B2
A1
A2
1
8
2
7
3
6
4
5
CLK
D
GND
Q
V
Q
CC
PRE
CLR
1
8
2
7
3
6
4
5
VCC
CLK
GND
D
Q
PRE
CLR
Q
SN74AUP1G74
www.ti.com
SCES644D – MARCH 2006 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DCU Package
DQE Package
8-Pin VSSOP
8-Pin X2SON
Top View
Top View
YFP or YZP Package
RSE Package
8-Pin DSBGA
8-Pin UQFN
Top View
Top View
Pin Functions(1)
PIN
I/O
DESCRIPTION
VSSOP,
NAME
UQFN
DSBGA
X2SON
CLK
1
7
A1
I
Rising edge triggered clock signal input
CLR
6
2
C2
I
Clear, Active low
D
2
6
B1
I
Data input
GND
4
4
D1
Ground
PRE
7
1
B2
I
Preset, Active low
Q
5
3
D2
O
Output
Q
3
5
C1
O
Inverted output
VCC
8
8
A2
Power supply
(1)
See Mechanical, Packaging, and Orderable Information for dimensions.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AUP1G74


유사한 부품 번호 - SN74AUP1G74RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G74RSER TI-SN74AUP1G74RSER Datasheet
981Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

유사한 설명 - SN74AUP1G74RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com