전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVC2T45 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74AVC2T45
상세설명  2-Supply, Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC2T45 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AVC2T45_15 Datasheet HTML 3Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 4Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 5Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 6Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 7Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 8Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 9Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 10Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SN74AVC2T45
www.ti.com
SCES531K – DECEMBER 2003 – REVISED APRIL 2015
Table 1. Typical Total Static Power Consumption (ICCA + ICCB)
VCCA
VCCB
UNIT
0 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
<0.5
<0.5
<0.5
<0.5
<0.5
1.2 V
<0.5
<1
<1
<1
<1
1
1.5 V
<0.5
<1
<1
<1
<1
1
μA
1.8 V
<0.5
<1
<1
<1
<1
<1
2.5 V
<0.5
1
<1
<1
<1
<1
3.3 V
<0.5
1
<1
<1
<1
<1
6.6 Switching Characteristics: VCCA = 1.2 V
over recommended operating free-air temperature range, VCCA = 1.2 V (see Figure 11)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
(1)
3.1
2.6
2.4
2.2
2.2
A
B
ns
tPHL
(1)
3.1
2.6
2.4
2.2
2.2
tPLH
(1)
3.4
3.1
3
2.9
2.9
B
A
ns
tPHL
(1)
3.4
3.1
3
2.9
2.9
tPHZ
(1)
5.2
5.2
5.1
5
4.8
DIR
A
ns
tPLZ
(1)
5.2
5.2
5.1
5
4.8
tPHZ
(1)
5
4
3.8
2.8
3.2
DIR
B
ns
tPLZ
(1)
5
4
3.8
2.8
3.2
tPZH
(1) (2)
8.4
7.1
6.8
5.7
6.1
DIR
A
ns
tPZL
(1) (2)
8.4
7.1
6.8
5.7
6.1
tPZH
(1) (2)
8.3
7.8
7.5
7.2
7
DIR
B
ns
tPZL
(1) (2)
8.3
7.8
7.5
7.2
7
(1)
tPLH: Low-to-high Propagation Delay; tPHL: High-to-Low Propagation Delay; tPHZ: High-to-Hi-Z Propagation Delay; tPLZ: Low-to-Hi-Z
Propagation Delay; tPZH: Hi-Z-to-High Propagation Delay; tPZL: Hi-Z-to-Low Propagation Delay
(2)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
6.7 Switching Characteristics: VCCA = 1.5 V ±0.1 V
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
(1)
2.8
0.7
5.4
0.5
4.6
0.4
3.7
0.3
3.5
A
B
ns
tPHL
(1)
2.8
0.7
5.4
0.5
4.6
0.4
3.7
0.3
3.5
tPLH
(1)
2.7
0.8
5.4
0.7
5.2
0.6
4.9
0.5
4.7
B
A
ns
tPHL
(1)
2.7
0.8
5.4
0.7
5.2
0.6
4.9
0.5
4.7
tPHZ
(1)
3.9
1.3
8.5
1.3
7.8
1.1
7.7
1.4
7.6
DIR
A
ns
tPLZ
(1)
3.9
1.3
8.5
1.3
7.8
1.1
7.7
1.4
7.6
tPHZ
(1)
4.7
1.1
7
1.4
6.9
1.2
6.9
1.7
7.1
DIR
B
ns
tPLZ
(1)
4.7
1.1
7
1.4
6.9
1.2
6.9
1.7
7.1
tPZH
(1) (2)
7.4
12.4
12.1
11.8
11.8
DIR
A
ns
tPZL
(1) (2)
7.4
12.4
12.1
11.8
11.8
tPZH
(1) (2)
6.7
13.9
12.4
11.4
11.1
DIR
B
ns
tPZL
(1) (2)
6.7
13.9
12.4
11.4
11.1
(1)
tPLH: Low-to-high Propagation Delay; tPHL: High-to-Low Propagation Delay; tPHZ: High-to-Hi-Z Propagation Delay; tPLZ: Low-to-Hi-Z
Propagation Delay; tPZH: Hi-Z-to-High Propagation Delay; tPZL: Hi-Z-to-Low Propagation Delay
(2)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AVC2T45


유사한 부품 번호 - SN74AVC2T45_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_10 Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - SN74AVC2T45_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com