전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH2T45DCURG4 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74AVCH2T45DCURG4
상세설명  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AVCH2T45DCURG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 74AVCH2T45DCURG4 Datasheet HTML 3Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 4Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 5Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 6Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 7Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 8Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 9Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 10Page - Texas Instruments 74AVCH2T45DCURG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SN74AVCH2T45
www.ti.com
SCES582H – JULY 2004 – REVISED APRIL 2015
7.4 Thermal Information
SN74AVCH2T45
THERMAL METRIC(1)
DCT (SSOP)
DCU (VSSOP)
YZP (DSBGA)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
194.4
199.3
105.8
RθJC(top)
Junction-to-case (top) thermal resistance
124.7
76.2
1.6
RθJB
Junction-to-board thermal resistance
106.8
80.6
10.8
°C/W
ψJT
Junction-to-top characterization parameter
49.8
7.1
3.1
ψJB
Junction-to-board characterization parameter
105.8
80.1
10.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IOH = –100 μA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO – 0.2
IOH = –3 mA
1.2 V
1.2 V
0.95
IOH = –6 mA
1.4 V
1.4 V
1.05
VOH
(3)
VI = VIH
V
IOH = –8 mA
1.65 V
1.65 V
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
IOH = –12 mA
3 V
3 V
2.3
IOL = 100 μA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.15
IOL = 6 mA
1.4 V
1.4 V
0.35
VOL
(3)
VI = VIL
V
IOL = 8 mA
1.65 V
1.65 V
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
II
(3)
DIR input
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.025
±0.25
±1
μA
VI = 0.42 V
1.2 V
1.2 V
25
VI = 0.49 V
1.4 V
1.4 V
15
IBHL
(4)
VI = 0.58 V
1.65 V
1.65 V
25
μA
VI = 0.7 V
2.3 V
2.3 V
45
VI = 0.8 V
3.3 V
3.3 V
100
VI = 0.78 V
1.2 V
1.2 V
–25
VI = 0.91 V
1.4 V
1.4 V
–15
IBHH
(5)
VI = 1.07 V
1.65 V
1.65 V
–25
μA
VI = 1.6 V
2.3 V
2.3 V
–45
VI = 2 V
3.3 V
3.3 V
–100
1.2 V
1.2 V
50
1.6 V
1.6 V
125
IBHLO
(6)
VI = 0 to VCC
1.95 V
1.95 V
200
μA
2.7 V
2.7 V
300
3.6 V
3.6 V
500
(1)
VCCO is the voltage associated with the output port supply VCCA or VCCB.
(2)
VCCI is the voltage associated with the input port supply VCCA or VCCB.
(3)
VOH: Output High Voltage; VOL: Output Low Voltage; II: Control Input Current.
(4)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL maximum. IBHL should be measured after lowering VIN to
GND and then raising it to VIL maximum.
(5)
The bus-hold circuit can source at least the minimum high sustaining current at VIH mininum. IBHH should be measured after raising VIN
to VCC and then lowering it to VIH minimum.
(6)
An external driver must source at least IBHLO to switch this node from low to high.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AVCH2T45


유사한 부품 번호 - 74AVCH2T45DCURG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AVCH2T45DCURG4 TI-74AVCH2T45DCURG4 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH2T45DCURG4 TI1-74AVCH2T45DCURG4 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

유사한 설명 - 74AVCH2T45DCURG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
   2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com