전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL60S216 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 IRL60S216
상세설명  Half-bridge and full-bridge topologies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL60S216 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button IRL60S216 Datasheet HTML 4Page - Infineon Technologies AG IRL60S216 Datasheet HTML 5Page - Infineon Technologies AG IRL60S216 Datasheet HTML 6Page - Infineon Technologies AG IRL60S216 Datasheet HTML 7Page - Infineon Technologies AG IRL60S216 Datasheet HTML 8Page - Infineon Technologies AG IRL60S216 Datasheet HTML 9Page - Infineon Technologies AG IRL60S216 Datasheet HTML 10Page - Infineon Technologies AG IRL60S216 Datasheet HTML 11Page - Infineon Technologies AG IRL60S216 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
2016-1-19
 
IRL60S/SL216
Fig 22. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET® Power MOSFETs
Fig 23a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 24a. Switching Time Test Circuit
Fig 25a. Gate Charge Test Circuit
tp
V(BR)DSS
IAS
Fig 23b. Unclamped Inductive Waveforms
Fig 24b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 25b. Gate Charge Waveform
VDD 


유사한 부품 번호 - IRL60S216

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRL60S216 ISC-IRL60S216 Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRL60S216

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
   Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
   Half-bridge and full-bridge topologies
2017-01-24
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com