전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL60SL216 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 IRL60SL216
상세설명  Half-bridge and full-bridge topologies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL60SL216 데이터시트(HTML) 3 Page - Infineon Technologies AG

  IRL60SL216 Datasheet HTML 1Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 2Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 3Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 4Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 5Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 6Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 7Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 8Page - Infineon Technologies AG IRL60SL216 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
2016-1-19
 
IRL60S/SL216
D
S
G
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
gfs
Forward Transconductance
229
–––
–––
S VDS = 10V, ID = 100A
Qg
Total Gate Charge
–––
170
255
ID = 100A
Qgs
Gate-to-Source Charge
–––
53
–––
VDS = 30V
Qgd
Gate-to-Drain Charge
–––
80
–––
VGS = 4.5V
Qsync
Total Gate Charge Sync. (Qg– Qgd)
–––
90
–––
td(on)
Turn-On Delay Time
–––
70
–––
ns
VDD = 30V
tr
Rise Time
–––
180
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
190
–––
RG= 2.7
tf
Fall Time
–––
120
–––
VGS = 4.5V
Ciss
Input Capacitance
–––
15330
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
1260
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
890
–––
ƒ = 1.0MHz, See Fig.7
Coss eff.(ER) Effective Output Capacitance (Energy Related)
–––
1260
–––
VGS = 0V, VDS = 0V to 48V
Coss eff.(TR) Output Capacitance (Time Related)
–––
1640
–––
VGS = 0V, VDS = 0V to 48V
Diode Characteristics  
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
298
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
780
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V TJ = 25°C,IS =100A,VGS = 0V 
dv/dt
Peak Diode Recovery dv/dt 
–––
9.5
–––
V/ns TJ = 175°C,IS = 100A,VDS = 60V
trr
Reverse Recovery Time
–––
52
–––
ns
TJ = 25°C
VDD = 51V
–––
54
–––
TJ = 125°C
IF = 100A,
Qrr
Reverse Recovery Charge
–––
87
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
97
–––
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
2.9
–––
A TJ = 25°C
nC  


유사한 부품 번호 - IRL60SL216

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRL60S216 ISC-IRL60S216 Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
   StrongIRFET
Rev.2.2,2020-07-02
More results

유사한 설명 - IRL60SL216

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
   Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
   Half-bridge and full-bridge topologies
2017-01-24
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com