전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZY75 데이터시트(PDF) 2 Page - Diotec Semiconductor

부품명 ZY75
상세설명  Silicon-Power-Zener Diodes (non-planar technology)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZY75 데이터시트(HTML) 2 Page - Diotec Semiconductor

  ZY75 Datasheet HTML 1Page - Diotec Semiconductor ZY75 Datasheet HTML 2Page - Diotec Semiconductor ZY75 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZY1 ... ZY200 (2 W)
Maximum ratings and Characteristics
(Tj = 25°C unless otherwise specified)
Grenz- und Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZY13)
0.71
0.82
100
0.5 (<1)
–26…–16
1500
ZY5.6
5.2
6.0
100
1 (<3)
–3…+5
> 0.5 / 3 µA
333
ZY6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
303
ZY6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
278
ZY7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
253
ZY8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
230
ZY9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
208
ZY10
9.4
10.6
50
2 (<4)
+5…+9
> 5
189
ZY11
10.4
11.6
50
4 (<7)
+5…+10
> 5
172
ZY12
11.4
12.7
50
4 (<7)
+5…+10
> 7
157
ZY13
12.4
14.1
50
5 (<10)
+5…+10
> 7
142
ZY15
13.8
15.6
50
5 (<10)
+5…+10
> 10
128
ZY16
15.3
17.1
25
6 (<15)
+6…+11
> 10
117
ZY18
16.8
19.1
25
6 (<15)
+6…+11
> 10
105
ZY20
18.8
21.2
25
6 (<15)
+6…+11
> 10
94
ZY22
20.8
23.3
25
6 (<15)
+6…+11
> 12
86
ZY24
22.8
25.6
25
7 (<15)
+6…+11
> 12
78
ZY27
25.1
28.9
25
7 (<15)
+6…+11
> 14
69
ZY30
28
32
25
8 (<15)
+6…+11
> 14
63
ZY33
31
35
25
8 (<15)
+6…+11
> 17
57
ZY36
34
38
10
16 (<40)
+6…+11
> 17
53
ZY39
37
41
10
20 (<40)
+6…+11
> 20
49
ZY43
40
46
10
24 (<45)
+7…+12
> 20
43
ZY47
44
50
10
24 (<45)
+7…+12
> 24
40
ZY51
48
54
10
25 (<60)
+7…+12
> 24
37
ZY56
52
60
10
25 (<60)
+7…+12
> 28
33
ZY62
58
66
10
25 (<80)
+8…+13
> 28
30
ZY68
64
72
10
25 (<80)
+8…+13
> 34
28
ZY75
70
79
10
30 (<100)
+8…+13
> 34
25
ZY82
77
88
10
30 (<100)
+8…+13
> 41
23
ZY91
85
96
5
40 (<200)
+9…+13
> 41
21
ZY100
94
106
5
60 (<200)
+9…+13
> 50
19
ZY110
104
116
5
80 (<250)
+9…+13
> 50
17
ZY120
114
127
5
80 (<250)
+9…+13
> 60
16
ZY130
124
141
5
90 (<300)
+9…+13
> 60
14
ZY150
138
156
5
100 (<300)
+9…+13
> 75
13
ZY160
153
171
5
110 (<350)
+9…+13
> 75
12
ZY180
168
191
5
120 (<350)
+9…+13
> 90
10
ZY200
188
212
5
150 (<350)
+9…+13
> 90
9
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


유사한 부품 번호 - ZY75

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZY75 DIODES-ZY75 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
SUNMATE electronic Co.,...
ZY75 SUNMATE-ZY75 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
logo
General Semiconductor
ZY75 GE-ZY75 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Shanghai Semitech Semic...
ZY75 SEMITECH-ZY75 Datasheet
48Kb / 2P
   Low leakage current
logo
Diotec Semiconductor
ZY75 DIOTEC-ZY75 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
More results

유사한 설명 - ZY75

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1_11 Datasheet
84Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B_11 Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B_07 Datasheet
91Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com