전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZTA92 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 PZTA92
상세설명  PNP Silicon High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZTA92 데이터시트(HTML) 1 Page - Infineon Technologies AG

  PZTA92 Datasheet HTML 1Page - Infineon Technologies AG PZTA92 Datasheet HTML 2Page - Infineon Technologies AG PZTA92 Datasheet HTML 3Page - Infineon Technologies AG PZTA92 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PZTA92
Dec-12-2001
1
PNP Silicon High Voltage Transistor
 High breakdown voltage
 Low collector-emitter saturation voltage
 Complementary type: PZTA42 (NPN)
VPS05163
1
2
3
4
Type
Marking
Pin Configuration
Package
PZTA92
PZTA 92
1=B
2=C
3=E
4=C
SOT223
Maximum Ratings
Parameter
Symbol
Unit
Value
Collector-emitter voltage
300
V
VCEO
VCBO
300
Collector-base voltage
5
Emitter-base voltage
VEBO
DC collector current
IC
500
mA
IB
100
Base current
W
Ptot
Total power dissipation
, TS = 124 °C
1.5
Junction temperature
150
°C
Tj
Tstg
-65 ... 150
Storage temperature
Thermal Resistance
Junction - soldering point 1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


유사한 부품 번호 - PZTA92

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PZTA92 PHILIPS-PZTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 14
logo
First Silicon Co., Ltd
PZTA92 FS-PZTA92 Datasheet
335Kb / 3P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
PZTA92 SIEMENS-PZTA92 Datasheet
126Kb / 4P
   PNP Silicon High-Voltage Transistors
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Fairchild Semiconductor
PZTA92 FAIRCHILD-PZTA92 Datasheet
655Kb / 14P
   PNP High Voltage Amplifier
More results

유사한 설명 - PZTA92

제조업체부품명데이터시트상세설명
logo
Seme LAB
BSS76 SEME-LAB-BSS76 Datasheet
19Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Micro Commercial Compon...
MMBTA94 MCC-MMBTA94 Datasheet
386Kb / 3P
   PNP Silicon High Voltage Transistor
logo
Micro Electronics
MPS-A92 MICRO-ELECTRONICS-MPS-A92 Datasheet
107Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
New Jersey Semi-Conduct...
BSS74 NJSEMI-BSS74 Datasheet
123Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTA93 MCC-MMBTA93_13 Datasheet
438Kb / 3P
   PNP Silicon High Voltage Transistor
logo
New Jersey Semi-Conduct...
MPS-U60 NJSEMI-MPS-U60 Datasheet
87Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
New Jersey Semi-Conduct...
BFT28 NJSEMI-BFT28 Datasheet
49Kb / 1P
   SILICON PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com