전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TYN808 데이터시트(PDF) 6 Page - Kersemi Electronic Co., Ltd.

부품명 TYN808
상세설명  8A SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN808 데이터시트(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  TYN808 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TYN808 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TN8, TS8 and TYNx08 Series
6/9
Fig. 8: Surge peak on-state current versus
number of cycles. TS8/TN8/TYN.
Fig. 9:
Non-repetitive surge
peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms, and corresponding values of I²t.
Fig. 10:
On-state
characteristics (maximum
values).
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm)
(DPAK).
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
ITSM(A)
TYN
TS8/TN8
Non repetitiv e
Tj initial = 25 °C
Repetitive
Tcase = 110 °C
Number of cycles
One cycle
tp = 10ms
0.01
0.10
1.00
10.00
10
100
1000
ITSM(A),I2t(A2s)
Tj initial = 25°C
ITSM
I2t
dI/dt
limitattion
TYN
TS8/TN8
TYN
TS8/TN8
tp(ms)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
50.0
ITM(A)
Tj max.:
Vto = 0.85V
Rd = 46m
Tj = Tj max.
Tj = 25°C
VTM(V)
02468
10
12
14
16
18
20
0
20
40
60
80
100
Rth(j-a) ( °C/W)
S(cm2)
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


유사한 부품 번호 - TYN808

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TYN808 STMICROELECTRONICS-TYN808 Datasheet
162Kb / 9P
   8A SCRs
TYN808 STMICROELECTRONICS-TYN808 Datasheet
341Kb / 5P
   Silicon controlled rectifiers
TYN808 STMICROELECTRONICS-TYN808 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TYN808G STMICROELECTRONICS-TYN808G Datasheet
341Kb / 5P
   Silicon controlled rectifiers
TYN808RG STMICROELECTRONICS-TYN808RG Datasheet
162Kb / 9P
   8A SCRs
More results

유사한 설명 - TYN808

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8 Datasheet
162Kb / 9P
   8A SCRs
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
   8A SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
   8A SCRs
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
   8A SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com