전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74VMEH22501A-EP 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74VMEH22501A-EP
상세설명  8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74VMEH22501A-EP 데이터시트(HTML) 1 Page - Texas Instruments

  SN74VMEH22501A-EP Datasheet HTML 1Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 2Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 3Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 4Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 5Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1D
C1
CLK
1D
C1
CLK
3B1
CLKAB
LE
CLKBA
3A1
To Seven Other Channels
OE
DIR
1OEAB
1OEBY
1A
1Y
2OEAB
2OEBY
2A
2Y
2B
1B
48
1
2
3
41
8
5
6
14
24
32
11
17
9
46
43
40
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74VMEH22501A-EP
SCES625A – FEBRUARY 2005 – REVISED NOVEMBER 2015
SN74VMEH22501A-EP 8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
With Split LVTTL Port, Feedback Path, and 3-State Outputs
1 Features
2 Applications
1
Controlled Baseline
Industrial Controls
Telecommunications
One Assembly/Test Site, One Fabrication Site
Instrumentation Systems
Enhanced Diminishing Manufacturing Sources
(DMS) Support
3 Description
Enhanced Product-Change Notification
The
SN74VMEH22501A-EP
8-bit
universal
bus
Qualification Pedigree(1)
transceiver has two integral 1-bit three-wire bus
Member of the Texas Instruments Widebus™
transceivers and is designed for 3.3-V VCC operation
Family
with 5-V tolerant inputs. The UBT transceiver allows
UBT™ Transceiver Combines D-Type Latches
transparent, latched, and flip-flop modes of data
transfer, and the separate LVTTL input and outputs
and D-Type Flip-Flops for Operation in
on the bus transceivers provide a feedback path for
Transparent, Latched, or Clocked Modes
control and diagnostics monitoring. This device
OEC™ Circuitry Improves Signal Integrity and
provides
a
high-speed
interface
between
cards
Reduces Electromagnetic Interference (EMI)
operating at LVTTL logic levels and VME64, VME64x,
Compliant With VME64, 2eVME, and 2eSST
or VME320(2) backplane topologies.
Protocols Validated at TA = –40°C to 85°C
Device Information(3)
Bus Transceiver Split LVTTL Port Provides a
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Feedback Path for Control and Diagnostics
TSSOP (48)
4.40 mm × 9.70 mm
Monitoring
SN74VMEH22501A-EP
TVSOP (48)
6.10 mm × 12.50 mm
I/O Interfaces are 5-V Tolerant
(1) Component qualification in accordance with JEDEC and
B-Port Outputs (–48 mA/64 mA)
industry standards to ensure reliable operation over an
Y and A-Port Outputs (–12 mA/12 mA)
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
Ioff, Power-Up 3-State, and BIAS VCC Support Live
temperature
cycle,
autoclave
or
unbiased
HAST,
Insertion
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
Bus Hold on 3A-Port Data Inputs
justifying
use
of
this
component
beyond
specified
26-
Ω Equivalent Series Resistor on 3A Ports and
performance and environmental limits.
Y Outputs
(2) VME320 is a patented backplane construction by Arizona
Digital, Inc.
Flow-Through Architecture Facilitates Printed
(3) For all available packages, see the orderable addendum at
Circuit Board Layout
the end of the data sheet.
Distributed VCC and GND Pins Minimize High-
Speed Switching Noise
Logic Diagram (Positive Logic)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
Pin numbers shown for DGG and DGV
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - SN74VMEH22501A-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
More results

유사한 설명 - SN74VMEH22501A-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
logo
NEC
UPB8286 NEC-UPB8286 Datasheet
180Kb / 4P
   8 BIT BUS TRANSCEIVERS
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
   8-Bit Universal Bus Register
logo
ON Semiconductor
74LCX16501 ONSEMI-74LCX16501 Datasheet
188Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised March 2001
74LCX16500 ONSEMI-74LCX16500 Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
logo
Texas Instruments
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com