전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH8T245NSRG4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 74LVCH8T245NSRG4
상세설명  8-BIT Dual-Supply Bus Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH8T245NSRG4 데이터시트(HTML) 5 Page - Texas Instruments

  74LVCH8T245NSRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH8T245NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
SN74LVCH8T245
www.ti.com
SCES637B – AUGUST 2005 – REVISED FEBRUARY 2016
Product Folder Links: SN74LVCH8T245
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
(1)(2)(3)
MIN
MAX
UNIT
(5)
For VCCA values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL (max) = VCCA × 0.3 V.
VIH
High-level input voltage
Control inputs
(referenced to VCCA)
(5)
VCCI = 1.65 V to 4.5 V
VCCA × 0.65
V
VCCI = 2.3 V to 2.7 V
1.7
VCCI = 3 V to 3.6 V
2
VCCI = 4.5 V to 5.5 V
VCCA × 0.7
VIL
Low-level input voltage
Control inputs
(referenced to VCCA)
(5)
VCCI = 1.65 V to 4.5 V
VCCA × 0.35
V
VCCI = 2.3 V to 2.7 V
0.7
VCCI = 3 V to 3.6 V
0.8
VCCI = 4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
Control inputs(3)
0
5.5
V
VI/O
Input/output voltage(2)
Active state
0
VCCO
V
3-State
0
5.5
IOH
High-level output current
VCCO = 1.65 V to 4.5 V
–4
mA
VCCO = 2.3 V to 2.7 V
–8
VCCO = 3 V to 3.6 V
–24
VCCO = 4.5 V to 5.5 V
–32
IOL
Low-level output current
VCCO = 1.65 V to 4.5 V
4
mA
VCCO = 2.3 V to 2.7 V
8
VCCO = 3 V to 3.6 V
24
VCCO = 4.5 V to 5.5 V
32
Δt/Δv
Input transition rise or fall rate
Data inputs
VCCI = 1.65 V to 4.5 V
20
ns/V
VCCI = 2.3 V to 2.7 V
20
VCCI = 3 V to 3.6 V
10
VCCI = 4.5 V to 5.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVCH8T245
UNIT
DB (SSOP)
DGV (TVSOP)
PW (TSSOP)
RHL (VQFN)
24 PINS
24 PINS
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
88.5
91.1
90.6
37.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.7
23.7
27.6
38.1
°C/W
RθJB
Junction-to-board thermal resistance
44.1
44.5
45.3
15.2
°C/W
ψJT
Junction-to-top characterization parameter
12.8
0.6
1.3
0.7
°C/W
ψJB
Junction-to-board characterization
parameter
43.6
44.1
44.8
15.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
4.3
°C/W


유사한 부품 번호 - 74LVCH8T245NSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVCH8T245NSRG4 TI-74LVCH8T245NSRG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245NSRG4 TI-74LVCH8T245NSRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245NSRG4 TI-74LVCH8T245NSRG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245NSRG4 TI-74LVCH8T245NSRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245NSRG4 TI-74LVCH8T245NSRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - 74LVCH8T245NSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com