전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAPA830 데이터시트(PDF) 1 Page - Axiomtek Co., Ltd.

부품명 CAPA830
상세설명  1 DDR3 SO-DIMM supports up to 4 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXIOMTEK [Axiomtek Co., Ltd.]
홈페이지  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA830 데이터시트(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA830_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
118
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Features
CAPA830
Intel® Atom™ D2550/N2600/N2800
3.5" Embedded SBC with Intel® NM10
Chipset, LVDS/HDMI/VGA, Dual LANs,
Audio and ZIO
I/O
Packing List
System
MIO
1 x RS-232/422/485; with +5V/+12V powered
1 x RS-232; with +5V/+12V powered
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports as 10/100/1000 Mbps support Wake-on-LAN,
PXE Boot ROM with Intel® 82583V
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for Advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
TMP
ST ST33TPM12LPC with TPM 1.2 compliant
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket P=2.0mm, L=300 mm
1
59384500100E
Audio cable w/ bracket P=2.0 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
Rear view
Top view
Display
Chipset
Intel® GMA 3650 graphics core for D2550/ N2800
Intel® GMA 3600 graphics core for N2600
Memory Size
Share system memory
Display Interface
1 x VGA
1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
Intel® Atom™ processor D2550 (1.86 GHz)/ N2800
(1.86 GHz)/ N2600 (1.6 GHz)
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
6 USB 2.0 ports
2 COM ports
ZIO connector
PCI Express Mini Card V1.2 with mSATA supported
CPU
Intel® Atom™ processor D2550 1.86 GHz/N2800 1.86 GHz/
N2600 1.6 GHz dual core onboard
System Memory
1 x 204-pin SO-DIMM supports DDR3-800/1066 max.
up to 4 GB (N2600 supports DDR3-800 max. up to 2 GB)
Chipset
Intel® NM10
BIOS
AMI UEFI BIOS
SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2 with mSATA
1 x USB, 1 x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirements
Intel® Atom™ N2600 @ 1.6 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.077A
Intel® Atom™ N2800 @ 1.86 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.156A
Intel® Atom™ D2550 @ 1.86 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.44A
Size
146 x 104 mm
Board Thickness
1.6 mm
OperatingTemperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Fanless
Low Power
DDR3
DDR3
DDR3
CFastTM
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
Ext. Temp
Ordering Information
Standard
CAPA830VHGGA-D2550
(P/N: E38E830103)
3.5" embedded SBC with Intel® Atom™ processor D2550
1.86 GHz, Intel® NM10 chipset, VGA/LVDS/HDMI, 2 GbE
LAN, audio and heatsink fan
CAPA830VHGGA-N2800
(P/N: E38E830102)
3.5" embedded SBC with Intel® Atom™ processor N2800
1.86 GHz, Intel® NM10 chipset, VGA/LVDS/HDMI, 2 GbE
LAN and audio
CAPA830VHGGA-N2600
(P/N: E38E830101)
3.5" embedded SBC with Intel® Atom™ processor N2600
1.6 GHz, Intel® NM10 chipset, VGA/LVDS/HDMI, 2 GbE LAN
and audio
Optional
CAPA830VHGGA-D2550-ZIO
(P/N: E38E830106)
3.5" embedded SBC with Intel® Atom™ processor D2550
1.86 GHz, Intel® NM10 chipset, VGA/LVDS/HDMI, 2 GbE
LAN, audio, heatsinkfan and ZIO connector
CAPA830VHGGA-N2800-ZIO
(P/N: E38E830105)
3.5" embedded SBC with Intel® Atom™ processor N2800
1.86 GHz, Intel® NM10 chipset, VGA/LVDS/HDMI, 2 GbE
LAN, audio and ZIO connector
CAPA830VHGGA-N2600-ZIO
(P/N: E38E830104)
3.5" embedded SBC with Intel® Atom™ processor N2600
1.6 GHz, Intel® NM10 chipset, VGA/LVDS/HDMI, 2 GbE
LAN, audio and ZIO connector
CAPA830VHGGA-N2600
w/ET
3.5" embedded SBC with Intel® Atom™ processor N2600
1.6 GHz, Intel® NM10 chipset, VGA/LVDS/HDMI, 2 GbE
LAN, audio and -40°C ~ +85°C
AX93262
(P/N: E393262100)
ZIO module w/ four COM ports and one PCI Express Mini
Card
AX93285
(P/N: E393285100)
ZIO module w/ two COM ports and 32 bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module w/ two COM ports and two Gigabit Ethernet
CFast™
ZIO Connector
(1 x PCIe x1,
1 x USB, 1 x LPC,
1 x SMBus)
DDR3 SO-DIMM
PCI Express
Mini Card
w/mSATA
supported
Ethernet 1/2
USB 2.0 3/4
USB 2.0 1/2
USB 2.0 5/6
SATA
COM 1/2
Audio
VGA
HDMI
LVDS


유사한 부품 번호 - CAPA830_16

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
CAPA830 AXIOMTEK-CAPA830_14 Datasheet
593Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results

유사한 설명 - CAPA830_16

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100_16 Datasheet
330Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO101 AXIOMTEK-NANO101_14 Datasheet
486Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA112 AXIOMTEK-CAPA112_14 Datasheet
572Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_14 Datasheet
485Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831 AXIOMTEK-PICO831_14 Datasheet
769Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA110 AXIOMTEK-CAPA110_16 Datasheet
239Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_16 Datasheet
373Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_16 Datasheet
332Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_14 Datasheet
350Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA831 AXIOMTEK-CAPA831_14 Datasheet
493Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_14 Datasheet
387Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com