전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAPA848VHGA-N2807 데이터시트(PDF) 1 Page - Axiomtek Co., Ltd.

부품명 CAPA848VHGA-N2807
상세설명  1 DDR3L SO-DIMM supports up to 8 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXIOMTEK [Axiomtek Co., Ltd.]
홈페이지  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA848VHGA-N2807 데이터시트(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA848VHGA-N2807 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
114
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Features
CAPA848
Intel® Celeron® Processor N2807
3.5" Embedded SBC with LVDS/VGA/HDMI,
LAN and Audio
Intel® Celeron® processor N2807 (1.58 GHz)
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
4 USB 2.0 ports
4 COM ports
2 PCI Express Mini Card and 1 SIM slot
Gigabit Ethernet port
Display: LVDS/VGA/HDMI in dual-view
I/O
Packing List
System
Display
CPU
Intel® Celeron® processor N2807 1.58 GHz dual core
onboard (Bay Trail)
System Memory
1 x 204-pin DDR3L-1333 SO-DIMM max. up to 8 GB
Chipset
SoC Integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x Half-size PCI Express Mini Card
1 x SIM slot
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Celeron® N2807 @ 1.58 GHz, 8GB DDR3L
Max. RMS. +12V @ 0.64A
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
2 x RS-232/422/485
2 x RS-232
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmed
Chipset
Intel® HD Graphics
Memory Size
Share System Memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
Top view
Rear view
Standard
Quick installation guide, user's manual/utility CD
Ordering Information
Standard
CAPA848VHGA-N2807
(P/N: E38E848100)
3.5" embedded SBC with Intel® Celeron® processor N2807
1.58 GHz, VGA/LVDS/HDMI, 1 GbE LAN and audio
59382620000E
1 x COM w/ bracket P=2.0 mm, L=300 mm
59384500100E
Audio cable w/ bracket P=2.0 mm, L=450 mm
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
59380000300E
2 x COM w/bracket P=1.27 x 2.54 L=300 mm
NEW
Fanless
Low Power
CFastTM
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L
LVDS
Audio
SATA
SIM Slot
DDR3L SO-DIMM
Full Size PCI
Express Mini
Card
Half sizePCI
Express Mini
Card
VGA
Ethernet
HDMI
COM 1
COM 2
COM 3/4
USB 2.0 1/2
+12V power input


유사한 부품 번호 - CAPA848VHGA-N2807

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
More results

유사한 설명 - CAPA848VHGA-N2807

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA841 AXIOMTEK-CAPA841_16 Datasheet
446Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_14 Datasheet
505Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO843 AXIOMTEK-PICO843 Datasheet
402Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
   2 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com