전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAS300M12BM2 데이터시트(PDF) 8 Page - Cree, Inc

부품명 CAS300M12BM2
상세설명  Half-Bridge Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CAS300M12BM2 데이터시트(HTML) 8 Page - Cree, Inc

  CAS300M12BM2_14 Datasheet HTML 1Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 2Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 3Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 4Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 5Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 6Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 7Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 8Page - Cree, Inc CAS300M12BM2_14 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAS300M12BM2,Rev. -
Schematic
Package Dimensions (mm)


유사한 부품 번호 - CAS300M12BM2_14

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2 Datasheet
849Kb / 8P
   1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module
logo
WOLFSPEED, INC.
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
   1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
More results

유사한 설명 - CAS300M12BM2_14

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CAS120M12BM2 CREE-CAS120M12BM2 Datasheet
1Mb / 9P
   Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
   Half-Bridge Module
logo
Inchange Semiconductor ...
CM300DY-12NF ISC-CM300DY-12NF Datasheet
443Kb / 5P
   Half Bridge Module
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com