전자부품 데이터시트 검색엔진 |
|
AD408M324RPA-5 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
AD408M324RPA-5 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 28 page Rev.1 Page 2 AD 40 4M 4 2 V S A – 5 Ascend Semiconductor EDO/FPM : 40 D-RAMBUS : 41 DDRSDRAM : 42 DDRSGRAM : 43 SGRAM : 46 SDRAM : 48 Density 16M : 16 Mega Bits 8M : 8 Mega Bits 4M : 4 Mega Bits 2M : 2 Mega Bits 1M : 1 Mega Bit Package Organization 4: x4 8 : x8 9 : x9 16 : x16 18 : x18 32 : x32 Revision A : 1st B : 2nd C : 3rd D :4th Min Cycle Time ( Max Freq.) -5 : 5ns ( 200MHz ) -6 : 6ns ( 167MHz ) -7 : 7ns ( 143MHz ) -75 : 7.5ns ( 133MHz ) -8 : 8ns ( 125MHz ) -10 : 10ns ( 100MHz ) EDO : -5 (50 ns) -6 (60 ns) Interface V: 3.3V R: 2.5V C: CSP B: uBGA T: TSOP Q: TQFP P: PQFP ( QFP ) L: LQFP S: SOJ Refresh 1 : 1K 8 : 8K 2 : 2K 6 :16K 4 : 4K |
유사한 부품 번호 - AD408M324RPA-5 |
|
유사한 설명 - AD408M324RPA-5 |