전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB4019PBF 데이터시트(PDF) 4 Page - Kersemi Electronic Co., Ltd.

부품명 IRFB4019PBF
상세설명  Key Parameters Optimized for Class-D Audio Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB4019PBF 데이터시트(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFB4019PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 10. Threshold Voltage vs. Temperature
0.0
0.5
1.0
1.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TJ , Junction Temperature (°C)
0
4
8
12
16
20
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
ID = 50µA
Ri (°C/W)
τι (sec)
0.535592 0.000222
0.913763 0.001027
0.432454 0.006058
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci=
τi/Ri
Ci=
τi/Ri
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
IRFB4019PBF
2014-8-13
www.kersemi.com
4


유사한 부품 번호 - IRFB4019PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF Datasheet
278Kb / 7P
   DIGITAL AUDIO MOSFET
IRFB4019PBF IRF-IRFB4019PBF Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
IRFB4019PBF IRF-IRFB4019PBF_15 Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
More results

유사한 설명 - IRFB4019PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com