전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2970 데이터시트(PDF) 8 Page - Semtech Corporation

부품명 GS2970
상세설명  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970 데이터시트(HTML) 8 Page - Semtech Corporation

Back Button GS2970 Datasheet HTML 4Page - Semtech Corporation GS2970 Datasheet HTML 5Page - Semtech Corporation GS2970 Datasheet HTML 6Page - Semtech Corporation GS2970 Datasheet HTML 7Page - Semtech Corporation GS2970 Datasheet HTML 8Page - Semtech Corporation GS2970 Datasheet HTML 9Page - Semtech Corporation GS2970 Datasheet HTML 10Page - Semtech Corporation GS2970 Datasheet HTML 11Page - Semtech Corporation GS2970 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
GS2970 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Audio and Video Processing
Data Sheet
47478 - 4
September 2012
8 of 145
List of Tables
Table 1-1: Pin Descriptions ............................................................................................................................ 9
Table 2-1: Absolute Maximum Ratings................................................................................................... 16
Table 2-2: Recommended Operating Conditions................................................................................ 16
Table 2-3: DC Electrical Characteristics ................................................................................................. 17
Table 2-4: AC Electrical Characteristics ................................................................................................. 19
Table 4-1: Serial Digital Output................................................................................................................. 30
Table 4-2: PLL Loop Bandwidth ................................................................................................................ 31
Table 4-3: Input Clock Requirements...................................................................................................... 32
Table 4-4: Lock Detect Conditions............................................................................................................ 33
Table 4-5: GS2970 Output Video Data Format Selections................................................................ 37
Table 4-6: GS2970 PCLK Output Rates ................................................................................................... 39
Table 4-7: Switch Line Position for Digital Systems ........................................................................... 44
Table 4-8: Output Signals Available on Programmable Multi-Function Pins............................ 46
Table 4-9: Supported CEA-861 Formats................................................................................................. 49
Table 4-10: CEA861 Timing Formats....................................................................................................... 49
Table 4-11: Supported Video Standard Codes ..................................................................................... 57
Table 4-12: Data Format Register Codes ................................................................................................ 59
Table 4-13: Error Status Register and Error Mask Register.............................................................. 62
Table 4-14: SMPTE 352M Packet Data .................................................................................................... 68
Table 4-15: IOPROC_DISABLE Register Bits......................................................................................... 70
Table 4-16: Serial Audio Pin Descriptions ............................................................................................. 77
Table 4-17: Audio Output Formats........................................................................................................... 79
Table 4-18: Audio Data Packet Detect Register ................................................................................... 81
Table 4-19: Audio Group DID Host Interface Settings....................................................................... 82
Table 4-20: Audio Data and Control Packet DID Setting Register................................................. 82
Table 4-21: Audio Buffer Pointer Offset Settings ................................................................................ 86
Table 4-22: Audio Channel Mapping Codes ......................................................................................... 86
Table 4-23: Audio Sample Word Lengths .............................................................................................. 87
Table 4-24: Audio Channel Status Information Registers ................................................................ 88
Table 4-25: Audio Channel Status Block for Regenerate Mode Default Settings ..................... 88
Table 4-26: Audio Mute Control Bits ....................................................................................................... 89
Table 4-27: GSPI Time Delay...................................................................................................................... 92
Table 4-28: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 93
Table 4-29: Video Core Configuration and Status Registers............................................................ 94
Table 4-30: SD Audio Core Configuration and Status Registers................................................... 107
Table 4-31: HD and 3G Audio Core Configuration and Status Registers .................................. 122
Table 4-32: ANC Extraction FIFO Access Registers.......................................................................... 137
Table 7-1: Packaging Data......................................................................................................................... 143


유사한 부품 번호 - GS2970

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
logo
Semtech Corporation
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

유사한 설명 - GS2970

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com