전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS6151-INTE3Z 데이터시트(PDF) 7 Page - Semtech Corporation

부품명 GS6151-INTE3Z
상세설명  Multi-Rate 6G UHD-SDI
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151-INTE3Z 데이터시트(HTML) 7 Page - Semtech Corporation

Back Button GS6151-INTE3Z Datasheet HTML 3Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 4Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 5Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 6Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 7Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 8Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 9Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 10Page - Semtech Corporation GS6151-INTE3Z Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
7 of 77
Semtech
Proprietary & Confidential
www.semtech.com
10
XTAL_CLK_OUT
Output
Reference Crystal Pin. Connect to a external circuit as shown in Figure
6-1: GS6151 Typical Application Circuit, or leave unconnected if
XTAL_CLK_IN is driven by an external clock source or is connected to
ground (referenceless).
11
XTAL_BUF_OUT
Output
Buffered clock reference output. Leave unconnected if not used to
drive 27MHz clock input of another device.
12
SDIN
Digital Input
Serial digital data input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more detail
13
SDOUT
Digital
Output
Serial digital data output for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more detail
14
SCLK
Digital Input
Burst-mode clock input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more detail
15
CS
Digital Input
Chip select input for the Gennum Serial Peripheral Interface (GSPI)
host control/status port.
Active-low input.
Refer to 4.11 GSPI Host Interface for more detail
16
VDD_DIG
Power
Most positive power supply for the internal logic
Connect to 1.8V.
17
VSS_DIG
Power
Most negative power supply for the internal logic
Connect to ground.
18, 19
DDO1, DDO1
Output
Differential serial data output 1.
20
VCC_DDO1
Power
Most positive power supply connection for the DDO1/DDO1 output
driver. Connect to any voltage between 1.2V and 2.5V.
21
VEE_DDO
Power
Most negative power supply connections for the output drivers.
Connect to ground.
22
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output
driver. Connect to any voltage between 1.2V and 2.5V.
23, 24
DDO0, DDO0
Output
Differential serial data output 0.
25
VCO_DFT_FILT
Power
Decoupling
Connect through decoupling capacitor to ground.
26
VCC_DFT
Power
Connect to 1.8V.
27
VEE_DFT
Power
Connect to ground.
28
LF+
Passive
Connect to LF– through CLF
Refer to Figure 6-1: GS6151 Typical Application Circuit.
29
LF–
Passive
Connect to LF+ through CLF
Refer to Figure 6-1: GS6151 Typical Application Circuit.
Table 1-1: GS6151 Pin Descriptions (Continued)
Pin Number
Name
Type
Description


유사한 부품 번호 - GS6151-INTE3Z

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

유사한 설명 - GS6151-INTE3Z

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS6152 SEMTECH-GS6152 Datasheet
2Mb / 80P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com