전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI80N04S2-H4 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 SPI80N04S2-H4
상세설명  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI80N04S2-H4 데이터시트(HTML) 6 Page - Infineon Technologies AG

  SPI80N04S2-H4 Datasheet HTML 1Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 2Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 3Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 4Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 5Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 6Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 7Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2003-05-08
Page 6
SPI80N04S2-H4
SPP80N04S2-H4,SPB80N04S2-H4
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 80 A, VGS = 10 V
-60
-20
20
60
100
140
°C
200
Tj
0
1
2
3
4
5
6
7
8
9
10
12
SPP80N04S2-H4
typ
98%
10 Typ. gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS
-60
-20
20
60
100
°C
180
Tj
0
0.5
1
1.5
2
2.5
V
3.5
250 µA
1.25 mA
11 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
5
10
15
20
V
30
VDS
2
10
3
10
4
10
5
10
pF
Ciss
Coss
Crss
12 Forward character. of reverse diode
IF = f (VSD)
parameter: Tj , tp = 80 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
0
10
1
10
2
10
3
10
A
SPP80N04S2-H4
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)


유사한 부품 번호 - SPI80N04S2-H4

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPI80N04S2-04 INFINEON-SPI80N04S2-04 Datasheet
269Kb / 8P
   OptiMOS Power-Transistor
2004-05-24
More results

유사한 설명 - SPI80N04S2-H4

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com