전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS51221-M050QFNR 데이터시트(PDF) 1 Page - Semtech Corporation

부품명 TS51221-M050QFNR
상세설명  High Efficiency Regulator IC for Wireless Power Receiver Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221-M050QFNR 데이터시트(HTML) 1 Page - Semtech Corporation

  TS51221-M050QFNR Datasheet HTML 1Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 2Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 3Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 4Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 5Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 6Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 7Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 8Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
1 of 18
Semtech
TS51221
TRIUNE PRODUCTS
Features
Fixedoutputvoltagechoices:1.5V,1.8V,2.5V,3.3V,and5V
with+/-2%outputtolerance
Adjustableversionoutputvoltagerange:0.9Vto5.5Vwith
+/-1.5%reference
Wideinputvoltagerange:4.5Vto24V
1MHz+/-10%fixedswitchingfrequency
Inputundervoltagelockout
Fullprotectionforover-current,over-temperature,and
V
OUTover-voltage
Lowexternalcomponentcount
Summary Specification
Junctionoperatingtemperature-40°Cto125°C
Packagedina16pinQFN(3x3)
High Efficiency Regulator IC for
Wireless Power Receiver Applications
Description
TheTS51221isahigh-efficiencyregulatordeviceforlow-
powerwirelesspowerreceiverapplications.Theswitching
frequencyof1MHzenablestheuseofsmallfiltercomponents
resultinginminimalboardspaceandreducedBOMcosts.
TheTS51221integratesawiderangeofprotectioncircuitry
includinginputsupplyunder-voltagelockout,outputvoltage
softstart,currentlimit,andthermalshutdown.
Applications
WirelessChargingforportabledevices
Wear-ables,medicalmonitors
Bluetoothheadsets
Smartwatches
Typical Application Circuit
Load
Receiver
TS51221
Transmitter
TS51231
DC
Supply
Application
Processor
Application
Processor


유사한 부품 번호 - TS51221-M050QFNR

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
TS51224-M000WCSR SEMTECH-TS51224-M000WCSR Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results

유사한 설명 - TS51221-M050QFNR

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com