전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

749119450 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 749119450
상세설명  WE-PoE Power over Ethernet Plus Transformer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749119450 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749119450 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749119450 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749119450 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 749119450 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 749119450 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7.1
7.0
6.0
REV
2014-01-27
2013-09-24
2007-05-01
DATE
SSt
SSt
TBr
BY
TBr
TBr
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PoE+ Power over Ethernet Plus
Transformer
Order.- No.
749119450
SIZE
A4
Size: EFD20
D2 Application Properties:
Properties
Input voltage (N1)
Output voltage 1 (N3)
Output current 1 (N3)
Auxiliary voltage (N2)
Switching frequency
Ui
UO1
IO1
Uaux
fswitch
Value
36-72
5.0
6.0
15.0
250-400
Unit
V (DC)
V
A
V
kHz
F1 Typical Inductance vs. Current Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 749119450

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7491194501 WURTH-7491194501 Datasheet
211Kb / 1P
   SEE REVISION SHEET FOR REVISION LEVEL
More results

유사한 설명 - 749119450

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
750316334 WURTH-750316334 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750316335 WURTH-750316335 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750318938 WURTH-750318938 Datasheet
552Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
001.001
750316336 WURTH-750316336 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750316331 WURTH-750316331 Datasheet
564Kb / 7P
   WE-PoE Power over Ethernet Plus Transformer
002.001
750316116 WURTH-750316116 Datasheet
556Kb / 7P
   WE-PoE Power over Ethernet Plus Transformer
002.001
750314783 WURTH-750314783 Datasheet
545Kb / 7P
   WE-PoE Power over Ethernet Plus Transformer
002.002
750316332 WURTH-750316332 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Transformer
002.001
750316333 WURTH-750316333 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Transformer
002.001
7491199212 WURTH-7491199212 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com