전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC187-5-65-0-06 데이터시트(PDF) 1 Page - Vectron International, Inc

부품명 LC187-5-65-0-06
상세설명  Environment conditions: Vectron MIL - standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECTRON [Vectron International, Inc]
홈페이지  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

LC187-5-65-0-06 데이터시트(HTML) 1 Page - Vectron International, Inc

  LC187-5-65-0-06 Datasheet HTML 1Page - Vectron International, Inc LC187-5-65-0-06 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01 December 2011
Specification for LC band pass filter:
L C 1 8 7 . 5 - 6 5 . 0 / 0 6
1. General
1.1. Package:
1.2. Reflow soldering
1.3.
Type name:
LC 187.5-65.0/06
1.4.
Number of poles:
10
1.5.
Operating temperature range:
-40°C to +85°C
1.6.
Storage temperature range:
-55°C to +105°C
time (s)
temperature (°C)
260°C max.
260
217
0
Reflow soldering: three times max.
max 300s
10,,,,,,30s
30,,,150s


유사한 부품 번호 - LC187-5-65-0-06

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
LC18 MICROSEMI-LC18 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC18 MICROSEMI-LC18 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC18 MICROSEMI-LC18 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC18 NJSEMI-LC18 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
    Line Conditioner - Automatic voltage regulation with surge protection
More results

유사한 설명 - LC187-5-65-0-06

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
LC160-0-50-0-06 VECTRON-LC160-0-50-0-06 Datasheet
127Kb / 2P
   Environment conditions: Vectron MIL - standard
LC160-0-50-0-6 VECTRON-LC160-0-50-0-6 Datasheet
127Kb / 2P
   Environment conditions: Vectron MIL - standard
MQF109-65-1200-06 VECTRON-MQF109-65-1200-06 Datasheet
34Kb / 1P
   Environment conditions: Vectron MIL-standard
LC0-31-0-06 VECTRON-LC0-31-0-06 Datasheet
115Kb / 2P
   Environment conditions: Vectron MIL standard
LC154-75-37-9-07 VECTRON-LC154-75-37-9-07 Datasheet
92Kb / 2P
   Environment conditions: Vectron MIL - standard
QF5-3125-0600-06 VECTRON-QF5-3125-0600-06 Datasheet
141Kb / 2P
   Environment conditions according to Vectron MIL standard
MQF84-25-5000-06 VECTRON-MQF84-25-5000-06 Datasheet
36Kb / 1P
   Environment conditions: Corresponding to Vectron MIL standard
QF90-0-5200-04 VECTRON-QF90-0-5200-04 Datasheet
137Kb / 1P
   Environment conditions: Corresponding to Vectron MIL standard
QF4-3-0210-06 VECTRON-QF4-3-0210-06 Datasheet
103Kb / 2P
   Environment conditions: Corresponding to VECTRON MIL-standard
MQF90-0-0600-02 VECTRON-MQF90-0-0600-02 Datasheet
265Kb / 2P
   Environment conditions according to Vectron MIL standard
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com