전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS80000 데이터시트(PDF) 1 Page - Semtech Corporation

부품명 TS80000
상세설명  High Efficiency Transmitter Controller for Wireless Power Systems
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS80000 데이터시트(HTML) 1 Page - Semtech Corporation

  TS80000 Datasheet HTML 1Page - Semtech Corporation TS80000 Datasheet HTML 2Page - Semtech Corporation TS80000 Datasheet HTML 3Page - Semtech Corporation TS80000 Datasheet HTML 4Page - Semtech Corporation TS80000 Datasheet HTML 5Page - Semtech Corporation TS80000 Datasheet HTML 6Page - Semtech Corporation TS80000 Datasheet HTML 7Page - Semtech Corporation TS80000 Datasheet HTML 8Page - Semtech Corporation TS80000 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TS80000
Final Datasheet
Rev 1.4
March 19, 2015
www.semtech.com
1 of 37
Semtech
Proprietary & Confidential
TS80000
TRIUNE PRODUCTS
Features
Supports Qi®, PMA and proprietary charging applications
Power outputs up to 40W+
Support for single and multi-coil applications
Support for half and full-bridge power sections
Support for variable voltage, variable frequency and
variable duty cycle architectures
Integrated controller and flash for communications and
control
High precision data converters
Precise control of bridge duty cycle and frequency
Low external component count
Applications
RISC-based controller core with flash and SRAM memory
Two 12-bit A/D converters
DMA controller
Three 16-bit timers, each with up to 4 IC/OC/PWM or pulse
counter
Dual 16-bit PWM timers with dead-time generation
3 AGPIO and 5 GPIO for application customization
I2C or UART interface
USB interface
36 pin 6x6 QFN
High Efficiency Transmitter Controller
for Wireless Power Systems
Description
The TS80000 is a power transmitter communications and
control unit for wireless charging applications. The TS80000
can support power outputs up to 40W+, and supports Qi®
compliant, PMA compliant and proprietary applications.
The TS80000 can be configured to drive single or multi-coil
applications, in half and full-bridge systems.
The TS80000 performs the necessary decode of packets from
the secondary side device and adjusts the control accordingly.
An integrated PID filter provides the necessary compensation
for the loop for high-precision control of duty cycle, frequency,
and or bridge voltage.
Applications
Qi® , PMA and non-standard wireless chargers for:
Œ
Cell Phones and Smartphones
Œ
GPS Devices
Œ
Digital Cameras
Œ
Tablets and eReaders
Œ
Portable Lighting
Œ
Industrial applications
Automotive chargers
Œ
OEM in-cabin chargers
Œ
Charging accessories
Typical Application Circuit
Load
Receiver
TS81000
+
TS51111
Transmitter
TS80000
+
TS61001
DC
Supply
Application
Processor
Application
Processor


유사한 부품 번호 - TS80000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results

유사한 설명 - TS80000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
   Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com