전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS33003-M025QFNR 데이터시트(PDF) 4 Page - Semtech Corporation

부품명 TS33003-M025QFNR
상세설명  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M025QFNR 데이터시트(HTML) 4 Page - Semtech Corporation

  TS33003-M025QFNR Datasheet HTML 1Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 2Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 3Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
4 of 16
Semtech
Proprietary & Confidential
Absolute Maximum Rating
Over operating free–air temperature range unless otherwise noted(1, 2)
Parameter
Value
Unit
VCC
-0.3 to 6.0
V
VSW
-1 to 6.0
V
EN, PG,FB, nLP, TEST OUT, V
OUT
Sense
-0.3 to 6
V
Electrostatic Discharge – Human Body Model
±2k
V
Electrostatic Discharge – Charge Device Model
±500
V
Lead Temperature (soldering, 10 seconds)
260
°C
Notes:
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating con-
ditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
Thermal Characteristics
Symbol
Parameter
Value
Unit
θ
JA
Thermal Resistance Junction to Air (Note 1)
50
°C/W
Note 1: Assumes QFN16 1 in2 area of 2 oz copper and 25°C ambient temperature.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Input Operating Voltage
2.375
5
5.5
V
T
STG
Storage Temperature Range
-65
150
°C
T
J MAX
Maximum Junction Temperature
150
°C
T
J
Operating Junction Temperature Range
-40
125
°C
L
OUT
Output Filter Inductor Typical Value (Note 1,3)
1
µH
C
OUT
Output Filter Capacitor Typical Value (Note 2,3)
10
µF
C
OUT-ESR
Output Filter Capacitor ESR
0
5
20
C
BYPASS
Input Supply Bypass Capacitor Typical Value (Note 2)
22
µF
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum Vout load requirement plus the inductor
current ripple. See the inductor current ripple calculations in inductor calculations sections.
Note 2: For best performance, a low ESR ceramic capacitor should be used – X7R or X5R types should be used. Y5V should be avoided.
Note 3: Min and max listed are to account for +/-20% variation of the typical value. Typical values of 10uF and 0.47uH are recommended.


유사한 부품 번호 - TS33003-M025QFNR

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

유사한 설명 - TS33003-M025QFNR

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com