전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1765 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 TC1765
상세설명  32-Bit Single-Chip Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button TC1765 Datasheet HTML 4Page - Infineon Technologies AG TC1765 Datasheet HTML 5Page - Infineon Technologies AG TC1765 Datasheet HTML 6Page - Infineon Technologies AG TC1765 Datasheet HTML 7Page - Infineon Technologies AG TC1765 Datasheet HTML 8Page - Infineon Technologies AG TC1765 Datasheet HTML 9Page - Infineon Technologies AG TC1765 Datasheet HTML 10Page - Infineon Technologies AG TC1765 Datasheet HTML 11Page - Infineon Technologies AG TC1765 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
TC1765
Data Sheet
4
V1.2, 2002-12
Preliminary
Logic Symbol
Figure 2
TC1765 Logic Symbol
M C A 04973
A lte rn ate F u nc tio ns
BYP ASS
NM I
PO RS T
H DRS T
TE S T M O D E
Ge ne ra l
Co ntro l
V
SSM
V
DD M
A D C A n alog
Powe r Sup ply
V
SSO SC
V
DDO S C
XT A L2
XT A L1
O scilla tor
CP UC L K
TM S
TD O
TD I
TC K
JT A G / O C D S
T P [15 :0]
BR KO UT
BR KIN
OC D S E
TR S T
(T C 1 7 65T only)
V
SS
V
DD
10
23
Dig ita l Circ uitry
P ow er S upply
V
DD P
5
V
DD RA M
V
D D SBR AM
TC 1765T
TC 1765N
V
AR EF 1
V
AG N D 1
V
DD A 1
V
SSA 1
AD C1 An alog
Po we r Su pp ly
V
AR EF 0
V
AG N D 0
V
DD A 0
V
SSA 0
AD C0 An alog
Po we r Su pp ly
AN [2 3:0 ]
AD C
A n alog Inp uts
Po rt 0
16 -B it
Po rt 1
16 -B it
Po rt 2
16 -B it
Po rt 4
8-B it
Po rt 5
5-B it
Po rt 3
16 -B it
GP T A
GP T A /
CF G
ASC 1
SSC 1
D[3 1:0 ]
A[23 :0]
Ch ip
Se le ct
Exte rna l
B u s Inte rfa ce
5
10
Co ntro l
EC IN
EC O U T
G P T U / A S C 0 /
SSC 0 / C A N /
AD C0 / A D C 1


유사한 부품 번호 - TC1765

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
TC176-198-S ACE-TC176-198-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Infineon Technologies A...
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1766 INFINEON-TC1766 Datasheet
1Mb / 32P
   32-Bit Single-Chip Microcontroller Bare Die Delivery
V1.10 2010-04
TC1767 INFINEON-TC1767 Datasheet
832Kb / 126P
   32-Bit Single-Chip Microcontroller
V1.3 2009-09
More results

유사한 설명 - TC1765

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com