전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5212 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 TDA5212
상세설명  ASK/FSK 915MHz Single Conversion Receiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5212 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button TDA5212 Datasheet HTML 7Page - Infineon Technologies AG TDA5212 Datasheet HTML 8Page - Infineon Technologies AG TDA5212 Datasheet HTML 9Page - Infineon Technologies AG TDA5212 Datasheet HTML 10Page - Infineon Technologies AG TDA5212 Datasheet HTML 11Page - Infineon Technologies AG TDA5212 Datasheet HTML 12Page - Infineon Technologies AG TDA5212 Datasheet HTML 13Page - Infineon Technologies AG TDA5212 Datasheet HTML 14Page - Infineon Technologies AG TDA5212 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Functional Description
3 - 3
TDA 5212
preliminary
Wireless Components
Specification, May 2003
3.2 Pin Definition and Function
Table 3-1 Pin Definition and Function
Pin No.
Symbol
Equivalent I/O-Schematic
Function
1
CRST1
External Crystal Connector 1
2
VCC
5V Supply
3
LNI
LNA Input
4.1 5V
50uA
1
57uA
4k
1k
3
500uA


유사한 부품 번호 - TDA5212

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA5212 INFINEON-TDA5212 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
More results

유사한 설명 - TDA5212

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
logo
Melexis Microelectronic...
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
logo
Infineon Technologies A...
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com