전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6060XS 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 TDA6060XS
상세설명  Video-Modulator with PLL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6060XS 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button TDA6060XS Datasheet HTML 3Page - Infineon Technologies AG TDA6060XS Datasheet HTML 4Page - Infineon Technologies AG TDA6060XS Datasheet HTML 5Page - Infineon Technologies AG TDA6060XS Datasheet HTML 6Page - Infineon Technologies AG TDA6060XS Datasheet HTML 7Page - Infineon Technologies AG TDA6060XS Datasheet HTML 8Page - Infineon Technologies AG TDA6060XS Datasheet HTML 9Page - Infineon Technologies AG TDA6060XS Datasheet HTML 10Page - Infineon Technologies AG TDA6060XS Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7'$;6
High Frequency Products
TV - Video
Page 7
 3HUIRUPDQFH'DWD
Typical values for Audio and Video Signal to Noise Ratio (S/N) and RF modulator phase noise measured on
a Siemens evaluation board are shown in Table 3. The Audio and Video S/N are consistently good within the
TV bands. The RF modulator oscillator phase noise shows excellent performance with a slight degradation
at higher ends of the TV frequency bands. A typical video noise curve at 471.25 MHz is shown in Figure 3. A
typical RF modulator oscillator noise curve at 303.25 MHz is shown in Figure 4. Note the absence of any
spurious signals.
Band
Frequency
0+]
Audio S/N Ratio
*Note 2
G%
Video S/N Ratio
*Note 1
G%
LO Phase Noise
*Note 3
q7pC“
5Ãà xC“
VHF Low
61.25
55
59
88
VHF High
157.25
55
58
90
VHF High
303.25
55
58
85
UHF
471.25
55
58
89
UHF
663.25
55
57
82
UHF
800.25
55
56
82
* All measurement test conditions are described in Section 9.0, Notes.
7DEOH7\SLFDO1RLVH0HDVXUHPHQWVRYHU79)UHTXHQF\%DQGV
)LJXUH 7\SLFDO9LGHR 1RLVH &XUYH
)LJXUH 5)&DUULHU 1RLVH &XUYH
$W 0+]


유사한 부품 번호 - TDA6060XS

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA6050-5 SIEMENS-TDA6050-5 Datasheet
269Kb / 10P
   Video IF with FPLL, MAC State
More results

유사한 설명 - TDA6060XS

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
logo
New Japan Radio
NJM2208 NJRC-NJM2208 Datasheet
290Kb / 7P
   TV VIDEO MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com