전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6192-T 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 TDA6192-T
상세설명  Gain-controlled IF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6192-T 데이터시트(HTML) 3 Page - Infineon Technologies AG

  TDA6192-T Datasheet HTML 1Page - Infineon Technologies AG TDA6192-T Datasheet HTML 2Page - Infineon Technologies AG TDA6192-T Datasheet HTML 3Page - Infineon Technologies AG TDA6192-T Datasheet HTML 4Page - Infineon Technologies AG TDA6192-T Datasheet HTML 5Page - Infineon Technologies AG TDA6192-T Datasheet HTML 6Page - Infineon Technologies AG TDA6192-T Datasheet HTML 7Page - Infineon Technologies AG TDA6192-T Datasheet HTML 8Page - Infineon Technologies AG TDA6192-T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
4-2, 4-3
4-2, 4-3
application circuits changed
5-2
5-2
thermal resistance TDA6192-V added
5-5
5-5
noise figure added, output impedance values added
Revision History: Current Version: V2.1, May 2002
Previous Version: Data Sheet V2.0, February 2002
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
3-2, 3-3,
3-5, 4-2
3-2, 3-3,
3-5, 4-2
pinning of TDA6192-V changed
Revision History: Current Version: V2.0, February 2002
Edition 03.99
Published by Infineon Technologies AG
Balanstraße 73,
81541 München
© Infineon Technologies AG 22.05.02.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes and circuits im-
plemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest
Infineon Technologies Office.
Infineon Technologies AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will take packing
material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components1 of the Infineon Technologies AG, may only be used in life-support devices or systems2 with the express written approval of the
Infineon Technologies AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the failure of that life-
support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain human life. If they
fail, it is reasonable to assume that the health of the user may be endangered.
ABM®, AOP®, ARCOFI®, ARCOFI®-BA, ARCOFI®-SP, DigiTape®, EPIC®-1, EPIC®-S, ELIC®, FALC®54, FALC®56, FALC®-E1, FALC®-LH, IDEC®, IOM®,
IOM®-1, IOM®-2, IPAT®-2, ISAC®-P, ISAC®-S, ISAC®-S TE, ISAC®-P TE, ITAC®, IWE®, MUSAC®-A, OCTAT®-P, QUAT®-S, SICAT®, SICOFI®, SICOFI®-
2, SICOFI®-4, SICOFI®-4µC, SLICOFI® are registered trademarks of Infineon Technologies AG.
ACE, ASM, ASP, POTSWIRE, QuadFALC, SCOUTare trademarks of Infineon Technologies AG.


유사한 부품 번호 - TDA6192-T

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA6190 INFINEON-TDA6190 Datasheet
781Kb / 30P
   DVB-IF Mixer
Version 1.4, 2004-05-17
TDA6190T INFINEON-TDA6190T Datasheet
781Kb / 30P
   DVB-IF Mixer
Version 1.4, 2004-05-17
More results

유사한 설명 - TDA6192-T

제조업체부품명데이터시트상세설명
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
   GAIN CONTROLLED IF AMPLIFIER
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com