전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA21201 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 TDA21201
상세설명  Integrated Switch(MOSFET Driver and MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21201 데이터시트(HTML) 3 Page - Infineon Technologies AG

  TDA21201 Datasheet HTML 1Page - Infineon Technologies AG TDA21201 Datasheet HTML 2Page - Infineon Technologies AG TDA21201 Datasheet HTML 3Page - Infineon Technologies AG TDA21201 Datasheet HTML 4Page - Infineon Technologies AG TDA21201 Datasheet HTML 5Page - Infineon Technologies AG TDA21201 Datasheet HTML 6Page - Infineon Technologies AG TDA21201 Datasheet HTML 7Page - Infineon Technologies AG TDA21201 Datasheet HTML 8Page - Infineon Technologies AG TDA21201 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary Data Sheet
TDA21201
Page 3
Apr-29, 2002
SMD version, device on PCB:
@ min. footprint
@ 6 cm² cooling area
62
40
Electrical Characteristics
At Tj = 25 °C, unless otherwise specified
Values
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Input Characteristic (= MOSFET Driver)
Shut down window
VIN_SHUT
t_SHUT > 1.5 µs
1.2
1.6
V
Shut down hold-off
time
t_SHUT
1.2 V
≤ V
IN
≤ 1.6 V
0.8
1.5
2.5
µs
Supply current during
shut down
ICC_SHUT
1.2 V
≤ V
IN
≤ 1.6 V
VCC = 12 V
10
16
22
mA
Current into ‘IN’ pin,
during shut down
IIN_SHUT
VIN = 1.4 V
-10
10
Current into ‘IN’ pin,
Low
IIN_LOW
VIN = 0.4 V
-2
-10
-50
Current into ‘IN’ pin,
High
IIN_HIGH
VIN = 4.5 V
20
35
80
µA
Static Characteristic (= High Side and Low Side MOSFET)
D-S Breakdown
Voltage High Side
VDS_HS
D-S Breakdown
Voltage Low Side
VDS_LS
1.2 V
≤ V
IN
≤ 1.6 V
ID = 0.25 A
30
V
D-S Leakage Current
High Side
IDSS_HS
D-S Leakage Current
High Side
IDSS_LS
1.2 V
≤ V
IN
≤ 1.6 V
VCC = 12 V
0.1
1
µA
Drain-Source on
Resistance High Side
RDSon_HS
13.3
Drain-Source on
Resistance Low Side
RDSon_LS
IOUT = 15 A
Tj = 25 °C
4.8
Drain-Source on
Resistance High Side
RDSon_HS
17.7
Drain-Source on
Resistance Low Side
RDSon_LS
IOUT = 15 A
Tj = 125 °C
6.4
m
Dynamic Characteristic (= Integrated Switch)
IN to OUT delay time
L
à H; 50 % to 50 %
td(ON)
110
150
IN to OUT delay time
H
à L; 50 % to 50 %
td(OFF)
70
100
OUT rise time; 20 %
to 80 %
tr
10
25
OUT fall time; 80 to
20 %
tf
IOUT = 15 A
(s. Timing Diagram)
10
30
ns


유사한 부품 번호 - TDA21201

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
TDA21231 INFINEON-TDA21231 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results

유사한 설명 - TDA21201

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com