전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2476 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM2476
상세설명  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2476 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2476 Datasheet HTML 2Page - Texas Instruments LM2476 Datasheet HTML 3Page - Texas Instruments LM2476 Datasheet HTML 4Page - Texas Instruments LM2476 Datasheet HTML 5Page - Texas Instruments LM2476 Datasheet HTML 6Page - Texas Instruments LM2476 Datasheet HTML 7Page - Texas Instruments LM2476 Datasheet HTML 8Page - Texas Instruments LM2476 Datasheet HTML 9Page - Texas Instruments LM2476 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
0
10 20 30 40 50 60 70 80 90 100
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
(72% ACTIVE TIME)
OBSOLETE
LM2476
SNOSAH7B – JANUARY 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(VCC = 85V, VBB = 8V, CL = 8 pF, VOUTD = 40VP-P (35V − 75V), VINC = 2.35V, Test Circuit - Figure 3 unless otherwise specified)
Power Dissipation vs Frequency
Figure 10.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2476


유사한 부품 번호 - LM2476

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results

유사한 설명 - LM2476

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
   Monolithic Triple 5.5 ns High Gain CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com