전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD33584 데이터시트(PDF) 3 Page - Texas Instruments

부품명 FPD33584
상세설명  Low Power, Low EMI, TFT-LCD Column Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FPD33584 데이터시트(HTML) 3 Page - Texas Instruments

  FPD33584_13 Datasheet HTML 1Page - Texas Instruments FPD33584_13 Datasheet HTML 2Page - Texas Instruments FPD33584_13 Datasheet HTML 3Page - Texas Instruments FPD33584_13 Datasheet HTML 4Page - Texas Instruments FPD33584_13 Datasheet HTML 5Page - Texas Instruments FPD33584_13 Datasheet HTML 6Page - Texas Instruments FPD33584_13 Datasheet HTML 7Page - Texas Instruments FPD33584_13 Datasheet HTML 8Page - Texas Instruments FPD33584_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
VRSDSN
VRSDSP
VIHRSDS
VILRSDS
VCMRRSDS
VCMRRSDS
VILRSDS
VIHRSDS
(VRSDSP)-(VRSDSN)
OBSOLETE
FPD33584
www.ti.com
SNOSA12B – JANUARY 2003 – REVISED APRIL 2013
Recommended Operating Conditions
Min
Typ
Max
Units
Logic Supply Voltage (VDD1)
2.7
3.3
3.6
V
Supply Voltage (VDD2)
7.5
10.5
V
Operating Temperature (TA)
−10
+25
+70
°C
DC Electrical Characteristics
Digital Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logic Input High Voltage
0.7 VDD1
V
VIL
Logic Input Low Voltage
0.3 VDD1
V
VOH
Logic Output High Voltage
IOH = −0.5mA
VDD1 − 0.5
V
VOL
Logic Output Low Voltage
IOL = 0.5mA
0.5
V
IDD1
Logic Current
See(1)
8.0
12.0
mA
IIH
Input Leakage
VDD1 = 3.6V, VIN = 3.6V
-1
1
µA
IIL
Input Leakage
VDD1 = 3.6V, VIN = 0V
-1
1
µA
CIN
Input Capacitance
All logic pins
2
pF
(1)
CLK frequency = 67MHz, VDD1 = 3.3V, VSS1 = VSS2 = 0.0V, line time = 18µs, data = all 1’s for 4 lines followed by all 0’s for 4 lines.
RSDS™ Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIHRSDS
RSDS High Input Voltage
VCMRSDS = 1.2V
(1), see Figure 1
100
200
mV
VILRSDS
RSDS Low Input Voltage
VCMRSDS = 1.2V
(1), see Figure 1
−200
−100
mV
VCMRSDS
RSDS Common Mode Input Voltage
VIHRSDS = +100mV,
VSS1 +
VDD1
V
Range
VILRSDS = −100mV
(2), see Figure 1
0.1
1.3
IDL
RSDS Input Leakage Current
DxxP, DxxN, CLKP, CLKN
−10
10
µA
(1)
VCMRSDS = (VCLKP + VCLKN)/2 or (VDxxP + VDxxN)/2.
(2)
VIHRSDS and VILRSDS are referenced to VCMRRSDS
Figure 1. RSDS Signal Definition
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: FPD33584


유사한 부품 번호 - FPD33584_13

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
FPD33584 NSC-FPD33584 Datasheet
294Kb / 30P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
More results

유사한 설명 - FPD33584_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FPD33680 TI1-FPD33680_13 Datasheet
257Kb / 20P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
logo
National Semiconductor ...
LMC7532 NSC-LMC7532 Datasheet
31Kb / 2P
   Low EMI, Low Power XGA/SVGA TFT-LCD Column Driver
logo
Texas Instruments
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Column Driver
logo
National Semiconductor ...
FPD33584 NSC-FPD33584 Datasheet
294Kb / 30P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD33684 NSC-FPD33684 Datasheet
232Kb / 15P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS??Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
logo
Texas Instruments
FPD33680 TI1-FPD33680 Datasheet
259Kb / 18P
[Old version datasheet]   FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications
logo
National Semiconductor ...
FPD03784 NSC-FPD03784 Datasheet
202Kb / 12P
   Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
logo
Texas Instruments
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
[Old version datasheet]   Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
FPD87346 TI1-FPD87346 Datasheet
100Kb / 5P
[Old version datasheet]   Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87346BXA TI1-FPD87346BXA_13 Datasheet
637Kb / 18P
[Old version datasheet]   Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com