전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD87346BXA 데이터시트(PDF) 5 Page - Texas Instruments

부품명 FPD87346BXA
상세설명  Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FPD87346BXA 데이터시트(HTML) 5 Page - Texas Instruments

  FPD87346BXA_13 Datasheet HTML 1Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 2Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 3Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 4Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 5Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 6Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 7Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 8Page - Texas Instruments FPD87346BXA_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
OBSOLETE
FPD87346BXA
www.ti.com
SNOSAC6B – JULY 2004 – REVISED APRIL 2013
FPD-Link (LVDS) RECEIVER INPUT (RxCLK+/-, RxIN[y]+/-; y = 0, 1, 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS RECEIVER DC SPECIFICATIONS(1)
VTHLVDS
Differential Input High Threshold
+100
mV
Voltage
VCM = 1.2V
VTLLVDS
Differential Input Low Threshold
–100
mV
Voltage
IIN
VIN = 2.4V, VDD = 3.6V
–10
+10
µA
Input Current
VIN = 0V, VDD = 3.6V
–10
+10
µA
VIN
Input Voltage Range (Single-ended)
0
2.4
V
|VID|
Differential Input Voltage
0.100
0.600
V
VCM
Common Mode Voltage Offset
0+|VID|/2
2.4
−|VID|/2
V
(1)
LVDS Receiver DC parameters are measured under static and steady state conditions which may not reflect the actual performance in
the end application.
Figure 4. |VID| and VCM Definitions Using Single-End Signals
|VID| and VCM Allowable Operating Range
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: FPD87346BXA


유사한 부품 번호 - FPD87346BXA_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
[Old version datasheet]   FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
More results

유사한 설명 - FPD87346BXA_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FPD87346 TI1-FPD87346 Datasheet
100Kb / 5P
[Old version datasheet]   Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
[Old version datasheet]   Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
FPD87370 TI1-FPD87370_13 Datasheet
48Kb / 3P
[Old version datasheet]   Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller
logo
National Semiconductor ...
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
   Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
[Old version datasheet]   FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
logo
National Semiconductor ...
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
   2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
FPD87370AXA NSC-FPD87370AXA Datasheet
461Kb / 2P
   Low EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs
LMC7532 NSC-LMC7532 Datasheet
31Kb / 2P
   Low EMI, Low Power XGA/SVGA TFT-LCD Column Driver
logo
Texas Instruments
FPD87370 TI1-FPD87370 Datasheet
201Kb / 6P
[Old version datasheet]   FPD87370AXA Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
[Old version datasheet]   TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com