전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV-9350A 데이터시트(PDF) 3 Page - Vectron International, Inc

부품명 MV-9350A
상세설명  Any frequency between 80 MHz and 220 MHz with 6 decimal places of accuracy
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECTRON [Vectron International, Inc]
홈페이지  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MV-9350A 데이터시트(HTML) 3 Page - Vectron International, Inc

  MV-9350A Datasheet HTML 1Page - Vectron International, Inc MV-9350A Datasheet HTML 2Page - Vectron International, Inc MV-9350A Datasheet HTML 3Page - Vectron International, Inc MV-9350A Datasheet HTML 4Page - Vectron International, Inc MV-9350A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 3 of 5
Package Outline & Dimensions (Unit: mm)
Recommended Land Pa ern (Unit: mm)
3.2 x 2.5 x 0.75 mm
3.2 ± 0.15
2.1
0.9
#1
#2
#4
#3
#2
#1
#3
#4
YXXXX
5.0 x 3.2 x 0.75 mm
0.75±0.05
YXXXX
#2
#5
#2
#5
#1
#3
#4
#6
#1
#3
#4
#6
7.0 x 5.0 x 0.90 mm
1.40
5.08
7.0±0.10
2.2
1.4
5.08
1.60
4 pin package: Pin Connec ons
Pin
Symbol
Func onality
1
VIN
0-Vdd: Produces voltage dependent frequency change
2
GND
VDD Power Supply Ground
3
CLK
Oscillator output
4
Vdd
Power supply voltage
6 pin package: Pin Connec ons
Pin
Symbol
Func onality
1
VIN
0-Vdd: Produces voltage dependent frequency change
2 (op ons)
NC
H or L or Open: No effect on output frequency or other device func ons
OE
H or Open: specified frequency output, L: output is high impedance
ST
H or Open: specified frequency output, L: output is low level (weak pull down). Oscilla on stops
3
GND
VDD Power Supply Ground
4
CLK
Oscillator output
5
NC
Do Not Connect; Leave it floa ng
6
Vdd
Power supply voltage
Packaging and Pinout
Rev 1.2 Aug 2014


유사한 부품 번호 - MV-9350A

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
More results

유사한 설명 - MV-9350A

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
MV-9400A VECTRON-MV-9400A Datasheet
281Kb / 6P
   Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
   Any frequency between 220-625 MHz with 6 decimal places of accuracy
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
Vectron International, ...
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
   80-220 MHz High Performance Oscillator
logo
Skyworks Solutions Inc.
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
   Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI546 SKYWORKS-SI546 Datasheet
1Mb / 21P
   Ultra Low Jitter Dual Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206614A May, 2023
SI547 SKYWORKS-SI547 Datasheet
1Mb / 22P
   Ultra Low Jitter Quad Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206615A May, 2023
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com