전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19506KTT 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD19506KTT
상세설명  80 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19506KTT 데이터시트(HTML) 3 Page - Texas Instruments

  CSD19506KTT Datasheet HTML 1Page - Texas Instruments CSD19506KTT Datasheet HTML 2Page - Texas Instruments CSD19506KTT Datasheet HTML 3Page - Texas Instruments CSD19506KTT Datasheet HTML 4Page - Texas Instruments CSD19506KTT Datasheet HTML 5Page - Texas Instruments CSD19506KTT Datasheet HTML 6Page - Texas Instruments CSD19506KTT Datasheet HTML 7Page - Texas Instruments CSD19506KTT Datasheet HTML 8Page - Texas Instruments CSD19506KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD19506KTT
www.ti.com
SLPS586 – MARCH 2016
Product Folder Links: CSD19506KTT
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
80
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 64 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
2.1
2.5
3.2
V
RDS(on)
Drain-to-source on-resistance
VGS = 6 V, ID = 100 A
2.2
2.8
m
VGS = 10 V, ID = 100 A
2.0
2.3
m
gfs
Transconductance
VDS = 8 V, ID = 100 A
297
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 40 V, ƒ = 1 MHz
9380
12200
pF
Coss
Output capacitance
2260
2940
pF
Crss
Reverse transfer capacitance
42
55
pF
RG
Series gate resistance
1.3
2.6
Qg
Gate charge total (10 V)
VDS = 40 V, ID = 100 A
120
156
nC
Qgd
Gate charge gate-to-drain
20
nC
Qgs
Gate charge gate-to-source
37
nC
Qg(th)
Gate charge at Vth
25
nC
Qoss
Output charge
VDS = 40 V, VGS = 0 V
345
nC
td(on)
Turn on delay time
VDS = 40 V, VGS = 10 V,
IDS = 100 A, RG = 0 Ω
14
ns
tr
Rise time
7
ns
td(off)
Turn off delay time
30
ns
tf
Fall time
5
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 100 A, VGS = 0 V
0.9
1.1
V
Qrr
Reverse recovery charge
VDS= 40 V, IF = 100 A,
di/dt = 300 A/
μs
525
nC
trr
Reverse recovery time
107
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
0.4
°C/W
RθJA
Junction-to-ambient thermal resistance
62
°C/W


유사한 부품 번호 - CSD19506KTT

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
CSD19506KTT ISC-CSD19506KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - CSD19506KTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFET
CSD19505KTT TI1-CSD19505KTT Datasheet
408Kb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
764Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFETs
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
[Old version datasheet]   CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
[Old version datasheet]   CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com