전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4351 데이터시트(PDF) 1 Page - Linear Integrated Systems

부품명 2N4351
상세설명  N-CHANNEL MOSFET ENHANCEMENT MODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAR [Linear Integrated Systems]
홈페이지  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

2N4351 데이터시트(HTML) 1 Page - Linear Integrated Systems

  2N4351_15 Datasheet HTML 1Page - Linear Integrated Systems 2N4351_15 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201154 11/12/15
Rev#A4 ECN# 2N4351
FEATURES
DIRECT REPLACEMENT FOR INTERSIL 2N4351
HIGH DRAIN CURRENT
ID = 20mA
HIGH GAIN
gfs = 1000µS
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to +150 °C
Operating Junction Temperature
-55 to +150 °C
Maximum Power Dissipation, TA=25°C
Continuous Power Dissipation3
350mW
Maximum Current
Drain to Source
20mA
Maximum Voltages
Drain to Body
25V
Drain to Source
25V
Gate to Source
±30V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated) (VSB = 0V unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
BVDSS
Drain to Source Breakdown Voltage
25
V
ID = 10µA, VGS = 0V
VDS(on)
Drain to Source "On" Voltage
1
ID = 2mA, VGS = 10V
VGS(th)
Gate to Source Threshold Voltage
1
5
VDS = 10V, ID = 10µA
IGSS
Gate Leakage Current
±10
pA
VGS = ±30V, VDS = 0V
IDSS
Drain Leakage Current "Off"
10
nA
VDS = 10V, VGS = 0V
ID(on)
Drain Current "On"
3
mA
VGS = 10V, VDS = 10V
gfs
Forward Transconductance
1000
µS
VDS = 10V, ID = 2mA, f = 1kHz
rds(on)
Drain to Source "On" Resistance
300
Ω
VGS = 10V, ID = 100uA, f = 1kHz
Crss
Reverse Transfer Capacitance2
1.3
pF
VDS = 0V, VGS = 0V, f = 140kHz
Ciss
Input Capacitance2
5.0
VDS = 10V, VGS = 0V, f = 140kHz
Cdb
Drain to Body Capacitance2
5.0
VDB = 10V, f = 140kHz
2N4351
N-CHANNEL MOSFET
ENHANCEMENT MODE


유사한 부품 번호 - 2N4351_15

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
2N4351 CALOGIC-2N4351_15 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
More results

유사한 설명 - 2N4351_15

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com