전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD-LRS3601 데이터시트(PDF) 2 Page - SICK AG

부품명 LD-LRS3601
상세설명  2D LASER SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

LD-LRS3601 데이터시트(HTML) 2 Page - SICK AG

  LD-LRS3601 Datasheet HTML 1Page - SICK AG LD-LRS3601 Datasheet HTML 2Page - SICK AG LD-LRS3601 Datasheet HTML 3Page - SICK AG LD-LRS3601 Datasheet HTML 4Page - SICK AG LD-LRS3601 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LD-LRS3601 | LD-LRS
2D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
LD-LRS3601
1060832
Other models and accessories
www.sick.com/LD-LRS
Detailed technical data
Features
Version
Long Range
Field of application
Outdoor
Light source
Infrared (905 nm)
Laser class
1, eye-safe (EN/IEC 60825-1)
Aperture angle
360°
Scanning frequency
5 Hz ... 15 Hz
Angular resolution
0.125°, 0.1875°, 0.25°, 0.375°, 0.5°, 0.75°, 1°, interlaced: 0.0625 °
Heating
Yes
Operating range
2.5 m ... 250 m
Max. range with 10 % reflectivity
80 m
Performance
Detectable object shape
Almost any
Systematic error
± 38 mm 1)
Statistical error
30 mm 1)
1) Actual value depends on environmental conditions.
Interfaces
Serial (RS-422)
Data transmission rate 19,200 Baud ... 115,200 Baud
Ethernet
Data transmission rate ≤ 100 Mbit/s
Protocol TCP/IP
Switching outputs
4 (digital)
Optical indicators
0
Mechanics/electronics
Electrical connection
1 x 20-pin Harting plug


유사한 부품 번호 - LD-LRS3601

제조업체부품명데이터시트상세설명
logo
SICK AG
LD-LRS3611 SICK-LD-LRS3611 Datasheet
596Kb / 5P
   2D LASER SCANNERS
More results

유사한 설명 - LD-LRS3601

제조업체부품명데이터시트상세설명
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com