전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC3S901 데이터시트(PDF) 11 Page - Sanken electric

부품명 SSC3S901
상세설명  Capacitive Mode Detection Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC3S901 데이터시트(HTML) 11 Page - Sanken electric

Back Button SSC3S901 Datasheet HTML 7Page - Sanken electric SSC3S901 Datasheet HTML 8Page - Sanken electric SSC3S901 Datasheet HTML 9Page - Sanken electric SSC3S901 Datasheet HTML 10Page - Sanken electric SSC3S901 Datasheet HTML 11Page - Sanken electric SSC3S901 Datasheet HTML 12Page - Sanken electric SSC3S901 Datasheet HTML 13Page - Sanken electric SSC3S901 Datasheet HTML 14Page - Sanken electric SSC3S901 Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SSC3S900 Series
SSC3S900 - DSJ Rev.2.4
SANKEN ELECTRIC CO.,LTD.
11
Apr. 01, 2016
http://www.sanken-ele.co.jp
© SANKEN ELECTRIC CO.,LTD. 2013
In the current resonant power supply, Q(H) and Q(L) are
alternatively turned on and off. The on time and off time
of them are equal. There is a dead time between Q(H) on
period and Q(L) on period. During the dead time, both
Q(H) and Q(L) are in off status.
The current resonant power supply is controlled by
the
frequency control.
When
the
output
voltage
decreases, the IC makes the switching frequency low so
that the output power is increased and the output voltage
is kept constant. This control must operate in the
inductance area (fSW > f0). Since the winding current is
delayed from the winding voltage in the inductance area,
the turn-on operation is ZCS (Zero Current Switching)
and the turn-off operation is ZVS (Zero Voltage
Switching). Thus, the switching loss of Q(H) and Q(L) is
nearly zero,
In the capacitance area (fSW < f0), the current resonant
power supply operates as follows. When the output
voltage decreases, the switching frequency is decreased,
and then the output power is more decreased. Thus, the
output voltage cannot be kept constant. Since the
winding current goes ahead of the winding voltage in the
capacitance area, the operation with hard switching
occurs in Q(H) and Q(L). Thus, the power loss increases.
This operation in the capacitance area is called the
capacitive mode operation. The current resonant power
supply must be operated without the capacitive mode
operation (refer to Section 8.12 about details of it).
Figure 8-4 shows the basic operation waveform of
current resonant power supply (see Figure 8-3 about the
symbol in Figure 8-4). The current resonant waveforms
in normal operation are divided a period A to a period F.
The current resonant power supply operates in the each
period as follows.
In following description,
ID(H) is the current of Q(H),
ID(L) is the current of Q(L),
VF(H) is the forwerd voltage of Q(H),
VF(L) is the forwerd voltage of Q(L),
IL is the current of LR,
VIN is an input voltage,
VCi is Ci voltage, and
VCV is CV voltage.
1) Period A
When Q(H) is ON, energy is stored into the series
resonant circuit by ID(H) flowing through the resonant
circuit and the transformer as shown in Figure 8-5. At
the same time, the energy is transferred to the
secondary circuit. When the primary winding voltage
can not keep the secondary rectifier ON, the energy to
the secondary circuit is stopped.
2) Period B
After the secondary side current becomes zero, the
resonant current flows to the primary side only as
shown in Figure 8-6 and Ci is charged by it.
ID(L)
ID(H)
IS1
VGL
VGH
VDS(L)
ICi
VCi
IS2
A
B
C
D
E
F
VIN+VF(H)
VDS(H)
VIN
Figure 8-4
The basic operation waveforms of current
resonant power supply
Cv
Ci
LR
Q(H)
Q(L)
LP
ON
OFF
ID(H)
VIN
S1
S2
IS1
VCV
VCi
Figure 8-5
Operation in period A
Cv
Ci
LR
Q(H)
Q(L)
LP
ON
OFF
ID(H)
VIN
S1
S2
Figure 8-6
Operation in period B


유사한 부품 번호 - SSC3S901

제조업체부품명데이터시트상세설명
logo
Sanken electric
SSC3S910 SANKEN-SSC3S910 Datasheet
1Mb / 31P
   LLC Current-Resonant Off-Line Switching Controller
SSC3S921 SANKEN-SSC3S921 Datasheet
1Mb / 28P
   LLC Current-Resonant Off-Line Switching Controller
SSC3S927 SANKEN-SSC3S927 Datasheet
1Mb / 30P
   LLC Current-Resonant Off-Line Switching Controller
SSC3S931 SANKEN-SSC3S931 Datasheet
929Kb / 23P
   LLC Current-Resonant Off-Line Switching Controller
More results

유사한 설명 - SSC3S901

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G3PC OMRON-G3PC_07 Datasheet
175Kb / 6P
   SSR with Failure Detection Function
logo
List of Unclassifed Man...
IQS213 ETC2-IQS213 Datasheet
1Mb / 46P
   3-Channel Capacitive Touch/Swipe Function Controller
logo
STMicroelectronics
AN4038 STMICROELECTRONICS-AN4038 Datasheet
1Mb / 39P
   Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
STM8T143AU62TTR STMICROELECTRONICS-STM8T143AU62TTR Datasheet
1Mb / 65P
   Single-channel capacitive sensor for touch and proximity detection
October 2013 Rev 6
logo
List of Unclassifed Man...
IQS211 ETC2-IQS211 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity/Touch Controller with movement detection
logo
Omron Electronics LLC
G3PC OMRON-G3PC Datasheet
618Kb / 7P
   Solid State Relays with Failure Detection Function
2016.12
K7L-AT50D OMRON-K7L-AT50D Datasheet
468Kb / 10P
   Liquid Leakage Sensor Amplifier with Disconnection Detection Function
logo
Microchip Technology
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
   8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
logo
STMicroelectronics
AN3150 STMICROELECTRONICS-AN3150 Datasheet
866Kb / 25P
   Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
logo
Asahi Kasei Microsystem...
AP1161 AKM-AP1161 Datasheet
835Kb / 16P
   300mA LDO Regulator with Over/Under Voltage Detection Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com