전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM285DRG4-2-5 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LM285DRG4-2-5
상세설명  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM285DRG4-2-5 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM285DRG4-2-5 Datasheet HTML 4Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 5Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 6Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 7Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 8Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 9Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 10Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 11Page - Texas Instruments LM285DRG4-2-5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Q3
Q1
Q4
Q7
Q2
Q5
20 pF
20 pF
Q6
Q8
Q12
Q11
Q13
Q10
Q9
Q14
CATHODE
ANODE
500 kΩ
500 kΩ
300 kΩ
200 kΩ
50 kΩ
500 Ω
60 kΩ
100 kΩ
600 kΩ
7.5 kΩ
8
LM285-2.5, LM385-2.5, LM385B-2.5
SLVS023K – JANUARY 1989 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM285-2.5 LM385-2.5 LM385B-2.5
Submit Documentation Feedback
Copyright © 1989–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMx85-2.5 and LM385B-2.5 devices maintain a nearly constant voltage between the cathode and anode of
2.5 V when the minimum cathode current up to the recommended maximum is provided. See Recommended
Operating Conditions for recommended minimum cathode current.
7.2 Functional Block Diagram
7.3 Feature Description
A band-gap voltage reference controls a high-gain amplifier and shunt pass element to maintain a nearly
constant voltage between the cathode and anode of 2.5 V. Regulation occurs after a minimum current is
provided to power the voltage divider and amplifier. Internal frequency compensation provides a stable loop for
all capacitive loads. Floating shunt design is useful for both positive and negative regulation applications.
7.4 Device Functional Modes
The LMx85-2.5 and LM385B-2.5 devices have a single functional mode. These devices can be used as 2.5-V
fixed voltage references. The reference voltage cannot be adjusted for these devices.
In order for a proper Reverse Voltage to be developed, current must be sourced into the cathode of LM285. The
minimum current needed for proper regulation is denoted in Electrical Characteristics as IZ(MIN).


유사한 부품 번호 - LM285DRG4-2-5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM285DRG4-2-5 TI-LM285DRG4-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

유사한 설명 - LM285DRG4-2-5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com