전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27951SDX 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM27951SDX
상세설명  White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM27951SDX 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM27951SDX Datasheet HTML 3Page - Texas Instruments LM27951SDX Datasheet HTML 4Page - Texas Instruments LM27951SDX Datasheet HTML 5Page - Texas Instruments LM27951SDX Datasheet HTML 6Page - Texas Instruments LM27951SDX Datasheet HTML 7Page - Texas Instruments LM27951SDX Datasheet HTML 8Page - Texas Instruments LM27951SDX Datasheet HTML 9Page - Texas Instruments LM27951SDX Datasheet HTML 10Page - Texas Instruments LM27951SDX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VIN
C2+
C2-
CIN
3.3 µF
1 µF
C1+
C1-
1 µF
ISET
RSET
LM27951
D1
VOUT
3.3 µF
EN
Voltage
Reference
1x/1.5x
Charge
Pump
Current
Control
Gain
Select
OSC
D4
D2
D3
PWM
Regulated
Current Sources
GND
D4
D3
D2
D1
COUT
7
LM27951
www.ti.com
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM27951 is an adaptive 1.5×/1× CMOS charge pump, optimized for driving white LEDs used in small-format
display backlighting. It provides four constant current outputs capable of sourcing up to 30 mA through each
LED. The well-matched current sources ensure the current through all the LEDs are virtually identical, providing
a uniform brightness across the entire display.
Each current source is internally connected to the charge pump output, VOUT. LED drive current is programmed
by connecting a resistor, RSET, to the current set pin, ISET. LED brightness is adjusted by applying a pulse width
modulated (PWM) signal to the dedicated PWM input pin.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Charge Pump
The input to the 1.5×/1× charge pump is connected to the VIN pin, and the loosely regulated output of the charge
pump is connected to the VOUT pin. The recommended input voltage range of the LM27951 is 3 V to 5.5 V. The
loosely regulated charge pump of the device has both open loop and closed loop modes of operation. When the
device is in open loop, the voltage at VOUT is equal to the gain times the voltage at the input. When the device is
in closed loop, the voltage at VOUT is loosely regulated to 4.5 V (typical). The charge pump gain transitions are
actively selected to maintain regulation based on LED forward voltage and load requirements. This allows the
charge pump to stay in the most efficient gain (1×) over as much of the input voltage range as possible, reducing
the power consumed from the battery.
7.3.2 Soft Start
The LM27951 contains internal soft-start circuitry to limit input inrush currents when the part is enabled. Soft start
is implemented internally with a controlled turnon of the internal voltage reference. Due to the soft-start circuitry,
startup time of the LM27951 is approximately 330 µs (typical).
7.3.3 Thermal Protection
Internal thermal protection circuitry disables the LM27951 when the junction temperature exceeds 150°C
(typical). This feature protects the device from being damaged by high die temperatures that might otherwise
result from excessive power dissipation. The device recovers and operate normally when the junction
temperature falls below 140°C (typical). It is important that the board layout provide good thermal conduction to
keep the junction temperature within the specified operating ratings.


유사한 부품 번호 - LM27951SDX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27951SDX NSC-LM27951SDX Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

유사한 설명 - LM27951SDX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com