전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27951 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM27951
상세설명  White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM27951 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM27951 Datasheet HTML 5Page - Texas Instruments LM27951 Datasheet HTML 6Page - Texas Instruments LM27951 Datasheet HTML 7Page - Texas Instruments LM27951 Datasheet HTML 8Page - Texas Instruments LM27951 Datasheet HTML 9Page - Texas Instruments LM27951 Datasheet HTML 10Page - Texas Instruments LM27951 Datasheet HTML 11Page - Texas Instruments LM27951 Datasheet HTML 12Page - Texas Instruments LM27951 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LM27951
www.ti.com
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Maximum Output Current, Maximum LED Voltage, Minimum Input Voltage
The LM27951 can drive 4 LEDs at 30 mA each from an input voltage as low as 3 V, so long as the LEDs have a
forward voltage of 3.6 V or less (room temperature).
The previous statement is a simple example of the LED drive capabilities of the LM27951. The statement
contains key application parameters required to validate an LED-drive design using the LM27951: LED current
(ILED), number of active LEDs (N), LED forward voltage (VLED), and minimum input voltage (VIN-MIN).
Equation 1 can be used to estimate the total output current capability of the LM27951:
ILED_MAX = ((1.5 × VIN) – VLED) / ((N × ROUT) + kHR
where
ROUT = output resistance
(1)
As an example of Equation 1: ILED_MAX = ((1.5 × VIN ) – VLED) / ((N × 3.3 Ω) + 12 mV/mA).
This parameter models the internal losses of the charge pump that result in voltage droop at the pump output
VOUT. Because the magnitude of the voltage droop is proportional to the total output current of the charge pump,
the loss parameter is modeled as a resistance. The output resistance of the LM27951 is typically 3.3
Ω (VIN = 3
V, TA = 25°C – see Equation 2).
VVOUT = 1.5 × VIN – N × ILED × ROUT
where
kHR = headroom constant
ROUT = output resistance
(2)
This parameter models the minimum voltage required across the current sources for proper regulation. This
minimum voltage is proportional to the programmed LED current, so the constant has units of mV/mA. The
typical kHR of the LM27951 is 12 mV/mA – see Equation 3:
(VVOUT – VLED) > kHR × ILED
(3)
Maximum LED current is highly dependent on minimum input voltage and LED forward voltage. Output current
capability can be increased by raising the minimum input voltage of the application, or by selecting LEDs with a
lower forward voltage. Excessive power dissipation may also limit output current capability of an application.


유사한 부품 번호 - LM27951

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951SDX NSC-LM27951SDX Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

유사한 설명 - LM27951

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com