전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6649BCPZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD6649BCPZ
상세설명  IF Diversity Receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6649BCPZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD6649BCPZ Datasheet HTML 3Page - Analog Devices AD6649BCPZ Datasheet HTML 4Page - Analog Devices AD6649BCPZ Datasheet HTML 5Page - Analog Devices AD6649BCPZ Datasheet HTML 6Page - Analog Devices AD6649BCPZ Datasheet HTML 7Page - Analog Devices AD6649BCPZ Datasheet HTML 8Page - Analog Devices AD6649BCPZ Datasheet HTML 9Page - Analog Devices AD6649BCPZ Datasheet HTML 10Page - Analog Devices AD6649BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD6649
Rev. C | Page 7 of 40
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC INPUTS (OEB, PDWN)3
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
45
70
µA
Low Level Input Current
Full
−5
+5
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
FDA and FDB
High Level Output Voltage
IOH = 50 µA
Full
1.79
V
IOH = 0.5 mA
Full
1.75
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
V
IOL = 50 µA
Full
0.05
V
LVDS Data and OR Outputs
Differential Output Voltage (VOD), ANSI Mode
Full
250
350
450
mV
Output Offset Voltage (VOS),
ANSI Mode
Full
1.15
1.22
1.35
V
Differential Output Voltage (VOD), Reduced Swing Mode
Full
150
200
280
mV
Output Offset Voltage (VOS),
Reduced Swing Mode
Full
1.15
1.22
1.35
V
1
A −1.0 dBFS input level at the analog inputs corresponds to an output level of −2.5 dBFS when using the fixed-frequency NCO and 95 MHz FIR filter. When using the
tunable-frequency NCO and 100 MHz FIR filter, the output level is −1.3 dBFS. These respective output level reductions are due to FIR filter losses. See the FIR Filters
section for more details.
2
Pull-up.
3
Pull-down.


유사한 부품 번호 - AD6649BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6649BCPZ AD-AD6649BCPZ Datasheet
1Mb / 40P
   IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
AD6649BCPZ AD-AD6649BCPZ Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6649BCPZRL7 AD-AD6649BCPZRL7 Datasheet
1Mb / 40P
   IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
AD6649BCPZRL7 AD-AD6649BCPZRL7 Datasheet
1Mb / 41P
   IF Diversity Receiver
More results

유사한 설명 - AD6649BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com